Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 41Page - STMicroelectronics AIS2DW12 Datasheet HTML 42Page - STMicroelectronics AIS2DW12 Datasheet HTML 43Page - STMicroelectronics AIS2DW12 Datasheet HTML 44Page - STMicroelectronics AIS2DW12 Datasheet HTML 45Page - STMicroelectronics AIS2DW12 Datasheet HTML 46Page - STMicroelectronics AIS2DW12 Datasheet HTML 47Page - STMicroelectronics AIS2DW12 Datasheet HTML 48Page - STMicroelectronics AIS2DW12 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
DocID031240 Rev 4
45/60
AIS2DW12
Register description
60
8.9
CTRL6 (25h)
Control register 6 (r/w)
Table 40. Control register 6
Table 41. Control register 6 description
Table 42. Digital filtering cutoff selection (FDS bit set to ‘0’)
Table 43. LPF1 cutoff (FDS bit set to '0')
Table 44. Digital high-pass filter cutoff selection (FDS bit set to ‘1’)
Table 45. Full-scale selection
BW_FILT1 BW_FILT0
FS1
FS0
FDS
0
0
0
BW_FILT[1:0]
Bandwidth selection (see Table 42)
FS[1:0]
Full-scale selection (see Table 45)
FDS
Filtered data type selection. Default value: 0
(0: low-pass filter path selected;
1: high-pass filter path selected)
BW_FILT[1:0]
Bandwidth selection
00
LPF1 only
refer to Table 43: LPF1 cutoff (FDS bit set to '0')
01
ODR/4
10
ODR/10
11
ODR/20
Mode
ODR selection
Cutoff [Hz]
Low-Power Mode 4
@ each ODR
180
Low-Power Mode 3
@ each ODR
360
Low-Power Mode 2
@ each ODR
720
Low-Power Mode 1
@ each ODR
3200
BW_FILT[1:0]
Bandwidth selection
00
ODR/4
01
ODR/4
10
ODR/10
11
ODR/20
FS[1:0]
Full-scale selection
00
±2 g
01
±4 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com