Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 12Page - STMicroelectronics AIS2DW12 Datasheet HTML 13Page - STMicroelectronics AIS2DW12 Datasheet HTML 14Page - STMicroelectronics AIS2DW12 Datasheet HTML 15Page - STMicroelectronics AIS2DW12 Datasheet HTML 16Page - STMicroelectronics AIS2DW12 Datasheet HTML 17Page - STMicroelectronics AIS2DW12 Datasheet HTML 18Page - STMicroelectronics AIS2DW12 Datasheet HTML 19Page - STMicroelectronics AIS2DW12 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Mechanical and electrical specifications
AIS2DW12
16/60
DocID031240 Rev 4
Table 9. I²C high-speed mode specifications at 1 MHz and 3.4 MHz
Symbol
Parameter
Min
Max
Unit
Fast mode
plus(1)
fSCL
SCL clock frequency
0
1
MHz
tHD;STA
Hold time (repeated) START condition
260
-
ns
tLOW
Low period of the SCL clock
500
-
tHIGH
High period of the SCL clock
260
-
tSU;STA
Setup time for a repeated START condition
260
-
tHD;DAT
Data hold time
0
-
tSU;DAT
Data setup time
50
-
trDA
Rise time of SDA signal
-
120
tfDA
Fall time of SDA signal
-
120
trCL
Rise time of SCL signal
20*Vdd/5.5
120
tfCL
Fall time of SCL signal
20*Vdd/5.5
120
tSU;STO
Setup time for STOP condition
260
-
Cb
Capacitive load for each bus line
-
550
pF
tVD;DAT
Data valid time
-
450
ns
tVD;ACK
Data valid acknowledge time
-
450
VnL
Noise margin at low level
0.1Vdd
-
V
VnH
Noise margin at high level
0.2Vdd
-
tSP
Pulse width of spikes that must be suppressed
by the input filter
050
ns
High-speed
mode(1)
fSCLH
SCLH clock frequency
0
3.4
MHz
tSU;STA
Setup time for a repeated START condition
160
-
ns
tHD;STA
Hold time (repeated) START condition
160
-
tLOW
Low period of the SCLH clock
160
-
tHIGH
High period of the SCLH clock
60
-
tSU;DAT
Data setup time
10
-
tHD;DAT
Data hold time
0
70
trCL
Rise time of SCLH signal
10
40
trCL1
Rise time of SCLH signal after a repeated
START condition and after an acknowledge bit
10
80
tfCL
Fall time of SCLH signal
10
40
trDA
Rise time of SDAH signal
10
80
tfDA
Fall time of SDAH signal
10
80
tSU;STO
Setup time for STOP condition
160
-
Cb
Capacitive load for each bus line
-
100
pF
VnH
Noise margin at high level
0.2Vdd
-
V
tSP
Pulse width of spikes that must be suppressed
by the input filter
010
ns
1. Data based on characterization, not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com