Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 21Page - STMicroelectronics AIS2DW12 Datasheet HTML 22Page - STMicroelectronics AIS2DW12 Datasheet HTML 23Page - STMicroelectronics AIS2DW12 Datasheet HTML 24Page - STMicroelectronics AIS2DW12 Datasheet HTML 25Page - STMicroelectronics AIS2DW12 Datasheet HTML 26Page - STMicroelectronics AIS2DW12 Datasheet HTML 27Page - STMicroelectronics AIS2DW12 Datasheet HTML 28Page - STMicroelectronics AIS2DW12 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
DocID031240 Rev 4
25/60
AIS2DW12
Digital main blocks
60
5
Digital main blocks
5.1
Block diagram of filters
Figure 7. Accelerometer chain
Referring to Figure 7, the first block is the Low-Pass Filter 1 (LPF1) whose behavior is a
function of the actual ODR and mode selected in CTRL1 (20h). The signal is then
downsampled and can be either directly sent to the output registers or to the Low-Pass
Filter 2 (LPF2) or High-Pass-Filter (HP) using the BW_FILT[1:0] bits and FDS bit in CTRL6
(25h).
In the low-pass path, it is possible to apply a user offset determined by the X_OFS_USR
(3Ch), Y_OFS_USR (3Dh), Z_OFS_USR (3Eh) register values and the USR_OFF_W bit in
CTRL7 (3Fh) and send the result to the output using the USR_OFF_ON_OUT bit in CTRL7
(3Fh).
In the high-pass path, it is possible to use the high-pass filter reference mode (HP) using the
HP_REF_MODE bit in CTRL7 (3Fh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com