Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 20Page - STMicroelectronics AIS2DW12 Datasheet HTML 21Page - STMicroelectronics AIS2DW12 Datasheet HTML 22Page - STMicroelectronics AIS2DW12 Datasheet HTML 23Page - STMicroelectronics AIS2DW12 Datasheet HTML 24Page - STMicroelectronics AIS2DW12 Datasheet HTML 25Page - STMicroelectronics AIS2DW12 Datasheet HTML 26Page - STMicroelectronics AIS2DW12 Datasheet HTML 27Page - STMicroelectronics AIS2DW12 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Application hints
AIS2DW12
24/60
DocID031240 Rev 4
Table 12. Internal pin status
Pin #
Name
Function
Pin status
1
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
Default: open drain
2CS
SPI enable
I2C/SPI mode selection
1: SPI idle mode / I2C communication enabled
0: SPI communication mode / I2C disabled
Default: input with internal pull-up(1)
3
SDO
SA0
Serial data output (SDO)
I2C less significant bit of the device address (SA0)
Default: input with internal pull-up
4
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
Default: (SDA) input open drain
5NC
Internally not connected. Can be tied to VDD,
VDDIO, or GND.
6
GND
0 V supply
7
RES
Connect to GND
8
GND
0 V supply
9
VDD
Power supply
10
VDD_IO
Power supply for I/O pins
11
INT2
Interrupt pin 2. Clock input when selected in single
data conversion on demand.
Default: push-pull output forced to Gnd
12
INT1
Interrupt pin 1
Default: push-pull output forced to Gnd
1. Pull-up on the CS pin can be removed by performing an I2C/SPI write procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com