Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 14Page - STMicroelectronics AIS2DW12 Datasheet HTML 15Page - STMicroelectronics AIS2DW12 Datasheet HTML 16Page - STMicroelectronics AIS2DW12 Datasheet HTML 17Page - STMicroelectronics AIS2DW12 Datasheet HTML 18Page - STMicroelectronics AIS2DW12 Datasheet HTML 19Page - STMicroelectronics AIS2DW12 Datasheet HTML 20Page - STMicroelectronics AIS2DW12 Datasheet HTML 21Page - STMicroelectronics AIS2DW12 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
Terminology and functionality
AIS2DW12
18/60
DocID031240 Rev 4
3
Terminology and functionality
3.1
Terminology
3.1.1
Sensitivity
Sensitivity describes the gain of the sensor and can be determined by applying 1 g
acceleration to it. As the sensor can measure DC accelerations this can be done easily by
pointing the axis of interest towards the center of the Earth, noting the output value, rotating
the sensor by 180 degrees (pointing to the sky) and noting the output value again. By doing
so, ±1 g acceleration is applied to the sensor. Subtracting the larger output value from the
smaller one, and dividing the result by 2, leads to the actual sensitivity of the sensor. This
value changes very little over temperature and time. The sensitivity tolerance describes the
range of sensitivities of a large population of sensors.
3.1.2
Zero-g level offset
Zero-g level offset describes the deviation of an actual output signal from the ideal output
signal if no acceleration is present. A sensor in a steady state on a horizontal surface will
measure 0 g on the X-axis and 0 g on the Y-axis whereas the Z-axis will measure 1 g. The
output is ideally in the middle of the dynamic range of the sensor (content of OUT registers
00h, data expressed as two’s complement number). A deviation from ideal value in this case
is called Zero-g level offset. Offset is to some extent a result of stress to the MEMS sensor
and therefore the offset can slightly change after mounting the sensor onto a printed circuit
board or exposing it to extensive mechanical stress. Offset changes little over temperature,
see “Zero-g level offset change vs. temperature”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com