Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 8Page - STMicroelectronics AIS2DW12 Datasheet HTML 9Page - STMicroelectronics AIS2DW12 Datasheet HTML 10Page - STMicroelectronics AIS2DW12 Datasheet HTML 11Page - STMicroelectronics AIS2DW12 Datasheet HTML 12Page - STMicroelectronics AIS2DW12 Datasheet HTML 13Page - STMicroelectronics AIS2DW12 Datasheet HTML 14Page - STMicroelectronics AIS2DW12 Datasheet HTML 15Page - STMicroelectronics AIS2DW12 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Mechanical and electrical specifications
AIS2DW12
12/60
DocID031240 Rev 4
2.2
Electrical characteristics
Table 5. Electrical characteristics @ Vdd = 3.0 V, T = -40°C to +85°C unless otherwise noted (1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
1.62
3.6
V
Vdd_IO I/O pins supply voltage(3)
1.62
Vdd+0.1
V
IddLP
Current consumption in
Power Mode 1
ODR 100 Hz
@ Vdd = 1.8 V(4)
5
μA
ODR 50 Hz
@ Vdd = 1.8 V(4)
3
ODR 12.5 Hz
@ Vdd = 1.8 V(4)
1
ODR 1.6 Hz
@Vdd = 1.8 V(4)
0.38
ODR 100 Hz
@ Vdd = 3 V
6.5
12.0
ODR 50 Hz
@ Vdd = 3 V(4)
3.7
6.4
ODR 12.5 Hz
@ Vdd = 3 V(4)
1.3
2.9
ODR 1.6 Hz
@ Vdd = 3 V(4)
0.67
1.9
Idd_PD
Current consumption
in power-down
@ Vdd = 1.8 V(4)
50
nA
@ Vdd = 3 V
100
950
VIH
Digital high-level input voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
VOH
Digital high-level output voltage
IOH = 4 mA(5)
VDD_IO - 0.2 V
VOL
Digital low-level output voltage
IOL = 4 mA(5)
0.2 V
1. The product is factory calibrated at 3.0 V. The operational power supply range is from 1.62 V to 3.6 V.
2. Typical specifications are not guaranteed.
3. It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses. In this condition the
measurement chain is powered off.
4. Verified at characterization level in Power Mode 1 configuration.
5. 4 mA is the maximum driving capability, ie. the maximum DC current that can be sourced/sunk by the digital pad in order to
guarantee the correct digital output voltage levels VOH and VOL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com