Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 23Page - STMicroelectronics AIS2DW12 Datasheet HTML 24Page - STMicroelectronics AIS2DW12 Datasheet HTML 25Page - STMicroelectronics AIS2DW12 Datasheet HTML 26Page - STMicroelectronics AIS2DW12 Datasheet HTML 27Page - STMicroelectronics AIS2DW12 Datasheet HTML 28Page - STMicroelectronics AIS2DW12 Datasheet HTML 29Page - STMicroelectronics AIS2DW12 Datasheet HTML 30Page - STMicroelectronics AIS2DW12 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
DocID031240 Rev 4
27/60
AIS2DW12
Digital main blocks
60
5.2.1
Bypass mode
In Bypass mode (FIFO_CTRL (2Eh) (FMode [2:0])= 000), the FIFO is not operational, no
data is collected in FIFO memory, and it remains empty with the only actual sample
available in the output registers.
Bypass mode is also used to reset the FIFO when in FIFO mode.
For each channel only the first address is used. When new data is available, the old data is
overwritten.
5.2.2
FIFO mode
In FIFO mode (FIFO_CTRL (2Eh)(FMode [2:0])= 001) data from the X, Y and Z channels
are stored in the FIFO until it is full, when 32 unread samples are stored in memory, data
collecting is stopped.
To reset the FIFO content, Bypass mode should be written in the FIFO_CTRL (2Eh) register,
setting the FMODE [2:0] bits to '000'. After this reset command, it is possible to restart FIFO
mode, writing the value '001' in FIFO_CTRL (2Eh)(FMODE [2:0]).
The FIFO buffer can memorize 32 slots of X, Y and Z data.
5.2.3
Continuous mode
Continuous mode (FIFO_CTRL (2Eh) (FMode[2:0] = 110) provides a continuous FIFO
update: when 32 unread samples are stored in memory, as new data arrives the oldest data
is discarded and overwritten by the newer.
A FIFO threshold flag FIFO_SAMPLES (2Fh) (FIFO_FTH) is asserted when the number of
unread samples in FIFO is greater than or equal to (FIFO_CTRL (2Eh)FTH[4:0]).
It is possible to route FIFO_SAMPLES (2Fh)(FTH) to the INT1 pin by writing the INT1_FTH
bit to '1' in register CTRL4_INT1 (23h) or to the INT2 pin by writing the INT2_FTH bit to '1' in
register CTRL5_INT2 (24h).
If an overrun occurs, the oldest sample in FIFO is overwritten and the FIFO_OVR flag in
FIFO_SAMPLES (2Fh) is asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of
unread samples available in FIFO_SAMPLES (2Fh) (Diff[5:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com