Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 18Page - STMicroelectronics AIS2DW12 Datasheet HTML 19Page - STMicroelectronics AIS2DW12 Datasheet HTML 20Page - STMicroelectronics AIS2DW12 Datasheet HTML 21Page - STMicroelectronics AIS2DW12 Datasheet HTML 22Page - STMicroelectronics AIS2DW12 Datasheet HTML 23Page - STMicroelectronics AIS2DW12 Datasheet HTML 24Page - STMicroelectronics AIS2DW12 Datasheet HTML 25Page - STMicroelectronics AIS2DW12 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Terminology and functionality
AIS2DW12
22/60
DocID031240 Rev 4
3.4
IC interface
The complete measurement chain is composed of a low-noise capacitive amplifier which
converts the capacitive unbalancing of the MEMS sensor into an analog voltage using an
analog-to-digital converter.
The acceleration data may be accessed through an I2C/SPI interface thus making the
device particularly suitable for direct interfacing with a microcontroller.
The AIS2DW12 features a data-ready signal which indicates when a new set of measured
acceleration data is available, thus simplifying data synchronization in the digital system that
uses the device.
3.5
Factory calibration
The IC interface is factory-calibrated for sensitivity (So) and Zero-g level offset.
The trim values are stored inside the device in nonvolatile memory. Any time the device is
turned on, the trimming parameters are downloaded into the registers to be used during
active operation. This allows using the device without further calibration. If an accidental
write occurs in the registers where trimming parameters are stored, the BOOT bit in CTRL2
(21h) can help to retrieve the correct trimming parameters from nonvolatile memory without
the need to switch on/off the device. This bit is automatically reset at the end of the
download operation. Setting this bit has no impact on the control registers.
3.6
Temperature sensor
The temperature is available in OUT_T_L (0Dh), OUT_T_H (0Eh) stored as two's
complement data, left-justified in 12-bit mode and in OUT_T (26h) stored as two's
complement data, left-justified in 8-bit mode.
Refer to Table 6: Temperature sensor characteristics for the conversion factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com