Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 51 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 47Page - STMicroelectronics AIS2DW12 Datasheet HTML 48Page - STMicroelectronics AIS2DW12 Datasheet HTML 49Page - STMicroelectronics AIS2DW12 Datasheet HTML 50Page - STMicroelectronics AIS2DW12 Datasheet HTML 51Page - STMicroelectronics AIS2DW12 Datasheet HTML 52Page - STMicroelectronics AIS2DW12 Datasheet HTML 53Page - STMicroelectronics AIS2DW12 Datasheet HTML 54Page - STMicroelectronics AIS2DW12 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
DocID031240 Rev 4
51/60
AIS2DW12
Register description
60
8.23
FREE_FALL (36h)
Free-fall duration and threshold configuration register (r/w).
Table 68. FREE_FALL register
Table 69. FREE_FALL register description
Table 70. FREE_FALL threshold decoding @ ±2 g FS
FF_DUR4 FF_DUR3 FF_DUR2 FF_DUR1 FF_DUR0
FF_THS2
FF_THS1
FF_THS0
FF_DUR [4:0]
Free-fall duration. In conjunction with FF_DUR5 bit in WAKE_UP_DUR (35h)
register. 1 LSB = 1 * 1/ODR
FF_THS [2:0] Free-fall threshold @ FS = ±2 g (refer to Table 70)
FF_THS[2:0]
Threshold decoding (LSB)
000
5
001
7
010
8
011
10
100
11
101
13
110
15
111
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com