Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 7Page - STMicroelectronics AIS2DW12 Datasheet HTML 8Page - STMicroelectronics AIS2DW12 Datasheet HTML 9Page - STMicroelectronics AIS2DW12 Datasheet HTML 10Page - STMicroelectronics AIS2DW12 Datasheet HTML 11Page - STMicroelectronics AIS2DW12 Datasheet HTML 12Page - STMicroelectronics AIS2DW12 Datasheet HTML 13Page - STMicroelectronics AIS2DW12 Datasheet HTML 14Page - STMicroelectronics AIS2DW12 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
DocID031240 Rev 4
11/60
AIS2DW12
Mechanical and electrical specifications
60
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Table 4. Mechanical characteristics @ Vdd = 3.0 V, T = -40°C to +85°C unless otherwise noted (1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
FS
Measurement range
±2
g
±4
So
Sensitivity (long term)(3)
@ FS ±2 g
For all power modes
except Mode 1
0.207
0.244
0.281
mg/digit
@ FS ±4 g
For all power modes
except Mode 1
0.415
0.488
0.561
@ FS ±2 g
in Power Mode 1
0.829
0.976
1.122
@ FS ±4 g
in Power Mode 1
1.659
1.952
2.245
RMS
RMS noise(4)
@ FS ±2 g
Power Mode 4
1.6
2.9
mg(RMS)
Power Mode 3
2.1
3.8
Power Mode 2
3.0
5.7
Power Mode 1
5.5
11.0
TyOff
Zero-g level offset accuracy(5)
±20
mg
Zero-g level offset accuracy, long term(3)
-700
700
TCO
Zero-g offset change vs. temperature
±0.2
mg/°C
TCS
Sensitivity change vs. temperature
0.01
%/°C
ST
Self-test positive difference
@ 25°C
70
1500
mg
1. The product is factory calibrated at 3.0 V. The operational power supply range is from 1.62 V to 3.6 V.
2. Typical specifications are not guaranteed.
3. Long term includes the following contributions: post solder, drift in temperature in the range [-40 deg; +85 deg] and over
life.
4. RMS noise is the same for all ODRs, max values from design and characterization at ambient temperature
5. Values after factory calibration test and trimming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com