Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2DW12 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 36Page - STMicroelectronics AIS2DW12 Datasheet HTML 37Page - STMicroelectronics AIS2DW12 Datasheet HTML 38Page - STMicroelectronics AIS2DW12 Datasheet HTML 39Page - STMicroelectronics AIS2DW12 Datasheet HTML 40Page - STMicroelectronics AIS2DW12 Datasheet HTML 41Page - STMicroelectronics AIS2DW12 Datasheet HTML 42Page - STMicroelectronics AIS2DW12 Datasheet HTML 43Page - STMicroelectronics AIS2DW12 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Register description
AIS2DW12
40/60
DocID031240 Rev 4
8.4
CTRL1 (20h)
Control register 1 (r/w)
Table 26. Control register 1
Table 27. Control register 1 description
ODR[3:0] is used to set the power mode and ODR selection. The following table lists the bit
settings for power-down mode and each available frequency.
Table 28. Data rate configuration
Table 29. Operating mode selection
Table 30. Power mode selection
ODR3
ODR2
ODR1
ODR0
OP_
MODE1
OP_
MODE0
PW_
MODE1
PW_
MODE0
ODR[3:0]
Output data rate and mode selection (see Table 28)
OP_MODE[1:0]
Operating mode selection (see Table 29)
PW_MODE[1:0]
Power mode selection (see Table 30)
ODR[3:0]
Power mode / data rate configuration
0000
Power-down
0001
1.6 Hz
0010
12.5 Hz
0011
25 Hz
0100
50 Hz
0101
100 Hz
OP_MODE[1:0]
Mode and resolution
00
Continuous Mode (12/14-bit resolution)
01
-
10
Single data conversion on-demand mode (12/14-bit resolution)
11
-
PW_MODE[1:0]
Power mode and resolution
00
Power Mode 1 (12-bit resolution)
01
Power Mode 2 (14-bit resolution)
10
Power Mode 3 (14-bit resolution)
11
Power Mode 4 (14-bit resolution)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com