Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014532A Datasheet(PDF) 86 Page - Xmos Ltd.

Part # XM014532A
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014532A Datasheet(HTML) 86 Page - Xmos Ltd.

Back Button XM014532A Datasheet HTML 82Page - Xmos Ltd. XM014532A Datasheet HTML 83Page - Xmos Ltd. XM014532A Datasheet HTML 84Page - Xmos Ltd. XM014532A Datasheet HTML 85Page - Xmos Ltd. XM014532A Datasheet HTML 86Page - Xmos Ltd. XM014532A Datasheet HTML 87Page - Xmos Ltd. XM014532A Datasheet HTML 88Page - Xmos Ltd. XM014532A Datasheet HTML 89Page - Xmos Ltd. XM014532A Datasheet HTML 90Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 99 page
background image
XU6--TQ8 Datasheet
D.6
Padcontrol LPDDR DQ-DQ
PADCTRL_DQ 0xD008
When LPDDR is enabled, this register controls the PAD properties for the DQ-DQ pins
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
6
RW
Set to to enable the schmitt trigger
PADCTRL_SCHMITT_TRIGGER_ENABLE
RW
Set to to enable slew-rate control
PADCTRL_SLEW_RATE_CONTROL
:
RW
Pad drive strength:
for mA;
for mA;
for 8 mA; or
for
mA.
PADCTRL_DRIVE_STRENGTH
:
RW
Pull resistor:
for none;
for weak pull-up;
for weak pull-down; or
for weak bus-keep.
PADCTRL_PULL
RW
Set to to enable the input receiver
PADCTRL_RECEIVER_ENABLE
xD8:
Padcontrol
LPDDR
DQ-DQ
D.6
Padcontrol LPDDR UDQS/LDQS
PADCTRL_DQS 0xD009
When LPDDR is enabled, this register controls the PAD properties for the UDQS and LDQS
pins
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
6
RW
Set to to enable the schmitt trigger
PADCTRL_SCHMITT_TRIGGER_ENABLE
RW
Set to to enable slew-rate control
PADCTRL_SLEW_RATE_CONTROL
:
RW
Pad drive strength:
for mA;
for mA;
for 8 mA; or
for
mA.
PADCTRL_DRIVE_STRENGTH
:
RW
Pull resistor:
for none;
for weak pull-up;
for weak pull-down; or
for weak bus-keep.
PADCTRL_PULL
RW
Set to to enable the input receiver
PADCTRL_RECEIVER_ENABLE
xD:
Padcontrol
LPDDR
UDQS/LDQS
D.6
Padcontrol LPDDR UDM/LDM
PADCTRL_DM 0xD00A
When LPDDR is enabled, this register controls the PAD properties for the UDM and LDM
pins
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com