Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014532A Datasheet(PDF) 76 Page - Xmos Ltd.

Part # XM014532A
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014532A Datasheet(HTML) 76 Page - Xmos Ltd.

Back Button XM014532A Datasheet HTML 72Page - Xmos Ltd. XM014532A Datasheet HTML 73Page - Xmos Ltd. XM014532A Datasheet HTML 74Page - Xmos Ltd. XM014532A Datasheet HTML 75Page - Xmos Ltd. XM014532A Datasheet HTML 76Page - Xmos Ltd. XM014532A Datasheet HTML 77Page - Xmos Ltd. XM014532A Datasheet HTML 78Page - Xmos Ltd. XM014532A Datasheet HTML 79Page - Xmos Ltd. XM014532A Datasheet HTML 80Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
XU6--TQ8 Datasheet
Bits
Perm
Init
Description
Identier
:6
RO
-
Reserved
:
RO
This is the current count of the prescaler. One is added one every in-
put clock edge on the oscillator (XIN). When it reaches the prescaler
wrap value (see below), it resets to zero and one is subtracted from the
watchdog count (see below).
WATCHDOG_PRESCALER_VALUE
xF:
Watchdog
Prescaler
D.
Watchdog Prescaler wrap
WATCHDOG_PRESCALER_WRAP 0xF022
Register to set the watchdog pre-scale divider value.
Bits
Perm
Init
Description
Identier
:6
RO
-
Reserved
:
RW
xFFFF
This is the prescaler divider. The input clock on XIN is divided by
this value plus one, before being used to adjust the watchdog count
(see below).
WATCHDOG_PRESCALER_WRAP_VALUE
xF:
Watchdog
Prescaler
wrap
D.
Watchdog Count
WATCHDOG_COUNT 0xF023
Register to set the value at which the watchdog timer should time out. This register must
be overwritten regularly to stop the watchdog from resetting the chip.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
:
RW
xFFF
This is the watchdog counter.
It counts down every
PRESCALER_WRAP_VALUE input clock edges. When it reaches
zero the chip is reset. The maximum time for the watchdog is
212 × 216 = 228 = 268, 435, 456
input clocks.
WATCHDOG_COUNT_VALUE
xF:
Watchdog
Count
D.
Watchdog Status
WATCHDOG_STATUS 0xF024
Register that can be used to inspect whether the watchdog has triggered.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RO
When , the watchdog has been triggered. This bit is only reset to on
a power-on-reset.
WATCHDOG_HAS_TRIGGERED
xF:
Watchdog
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com