Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014532A Datasheet(PDF) 71 Page - Xmos Ltd.

Part # XM014532A
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014532A Datasheet(HTML) 71 Page - Xmos Ltd.

Back Button XM014532A Datasheet HTML 67Page - Xmos Ltd. XM014532A Datasheet HTML 68Page - Xmos Ltd. XM014532A Datasheet HTML 69Page - Xmos Ltd. XM014532A Datasheet HTML 70Page - Xmos Ltd. XM014532A Datasheet HTML 71Page - Xmos Ltd. XM014532A Datasheet HTML 72Page - Xmos Ltd. XM014532A Datasheet HTML 73Page - Xmos Ltd. XM014532A Datasheet HTML 74Page - Xmos Ltd. XM014532A Datasheet HTML 75Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
XU6--TQ8 Datasheet
Bits
Perm
Init
Description
Identier
RW
If set to , the secondary PLL is used as a source for the MIPI PHY clock
divider. By default, the output of the core PLL is used.
SS_MIPI_CFG_CLK_FROM_APP_PLL
:
RO
-
Reserved
6
RW
MIPI PHY clock divider disable. When set to , the divider is enabled.
SS_MIPI_CFG_CLK_DIV_DISABLE
:
RW
MIPI PHY clock divider. When set to X, the input clock will be divided
by 2(X + 1).
SS_MIPI_CFG_CLK_DIV
x:
MIPI PHY
clock cong
D.
Debug source
GLOBAL_DEBUG_SOURCE 0x1F
Contains the source of the most recent debug event.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RW
Reserved.
GLOBAL_DEBUG_SOURCE_EXTERNAL_PAD_INDEBUG
:
RO
-
Reserved
RW
If set, XCore is the source of last GlobalDebug event.
GLOBAL_DEBUG_SOURCE_XCORE1_INDEBUG
RW
If set, XCore is the source of last GlobalDebug event.
GLOBAL_DEBUG_SOURCE_XCORE0_INDEBUG
xF:
Debug source
D.
Link status, direction, and network
SLINK 0x20 .. 0x28
These registers contain status information for low level debugging (read-only), the net-
work number that each link belongs to, and the direction that each link is part of. The
registers control links ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com