Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014532A Datasheet(PDF) 21 Page - Xmos Ltd.

Part # XM014532A
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014532A Datasheet(HTML) 21 Page - Xmos Ltd.

Back Button XM014532A Datasheet HTML 17Page - Xmos Ltd. XM014532A Datasheet HTML 18Page - Xmos Ltd. XM014532A Datasheet HTML 19Page - Xmos Ltd. XM014532A Datasheet HTML 20Page - Xmos Ltd. XM014532A Datasheet HTML 21Page - Xmos Ltd. XM014532A Datasheet HTML 22Page - Xmos Ltd. XM014532A Datasheet HTML 23Page - Xmos Ltd. XM014532A Datasheet HTML 24Page - Xmos Ltd. XM014532A Datasheet HTML 25Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
XU6--TQ8 Datasheet
A
-bit program size s in words.
Program consisting of s × 4 bytes.
A
-bit CRC, or the value xDABE to indicate that no CRC check should be per-
formed.
The program size and CRC are stored least signicant byte rst. The program is loaded
into the lowest memory address of RAM, and the program is started from that address.
The CRC is calculated over the byte stream represented by the program size and the
program itself. The polynomial used is xEDB88
(IEEE 8.); the CRC register is
initialized with xFFFFFFFF and the residue is inverted to produce the CRC.
.
Boot from QSPI ash
If set to boot from QSPI ash, the processor enables the six pins specied in Figure ,
and drives the SPI clock. A Quad I/O READ command (xEB) is issued with three address
bytes (x) and one dummy byte. Boot data is then expected from the ash and input
into the device. The clock polarity and phase are / . The ash is assumed to be ready
within
us after power-up, if the ash takes longer than
us the chip should be held
in reset using RST_N until the ash is ready. The ash is assumed to be in its power-up
state, where QSPI-mode accesses will succeed. In particular, the ash device must be
set into quad mode or similar. If the ash is set to an alternate mode, for example QPI,
and the xCORE device is reset, then the subsequent boot will fail.
Pin
Signal
Description
XD
SS
Slave Select
XD
SPIO
Data
XD
SPIO
Data
XD6
SPIO
Data
XD
SPIO
Data
XD
SCLK
Clock
Figure
:
QSPI pins
The xCORE Tile expects each byte to be transferred with the least-signicant nibble rst.
Programmers who write bytes into an QSPI interface using the most signicant nibble
rst may have to reverse the nibbles in each byte of the image stored in the QSPI device.
The pins used for QSPI boot are hardcoded in the boot ROM and cannot be changed. If
required, a QSPI boot program can be burned into OTP that uses different pins.
The boot sequence up to the start of the QSPI boot is outlined in Figure 6
.
Boot from SPI ash
If set to boot from SPI master, the processor enables the four pins specied in Figure ,
and drives the SPI clock. A READ command (x) is issued with three address bytes
(x), no dummy, then the data is expected from the ash. The clock polarity and phase
are / .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com