Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014532A Datasheet(PDF) 16 Page - Xmos Ltd.

Part # XM014532A
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014532A Datasheet(HTML) 16 Page - Xmos Ltd.

Back Button XM014532A Datasheet HTML 12Page - Xmos Ltd. XM014532A Datasheet HTML 13Page - Xmos Ltd. XM014532A Datasheet HTML 14Page - Xmos Ltd. XM014532A Datasheet HTML 15Page - Xmos Ltd. XM014532A Datasheet HTML 16Page - Xmos Ltd. XM014532A Datasheet HTML 17Page - Xmos Ltd. XM014532A Datasheet HTML 18Page - Xmos Ltd. XM014532A Datasheet HTML 19Page - Xmos Ltd. XM014532A Datasheet HTML 20Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
XU6--TQ8 Datasheet
CORE
CORE
CORE
CORE
CORE
CORE
CORE
CORE
CORE
xCONNECT Link to another device switch
CORE
CORE
CORE
CORE
CORE
CORE
CORE
xCORE Tile
xCORE Tile
xCONNECT
switch
Figure 6:
Switch, links
and channel
ends
Oscillator, Clocks, and PLLs
The device executes using a clock that is scaled up by two on-chip PLLs: a core-PLL that
provides a clock for the digital logic, and a secondary fractional-N PLL for application use.
Both PLLs are driven from an oscillator on the XIN and XOUT pins. If you use a crystal,
you must use a
MHz crystal (±
ppm or better). Otherwise you can supply a clock
between 8 and
MHz, with an accuracy governed by your application. Note that the
USB PHY only supports limited frequencies, see Section .
The clock structure of the device is shown in Figure . The main purpose of the core PLL
is to generate the clocks needed for the digital blocks of the device, including the two
processing cores and the switch. The main purpose of the secondary PLL is to provide
an application clock if required.
The frequencies are typical frequencies used when the device operates at 6
MHz. The
MHz reference frequency can be used by software to time software and interfaces.
The core and switch clocks can be clocked down as required to save power, independent
of the reference clock. In very low power modes, both PLLs can be placed in a low-power
mode, and the whole chip executed directly from the oscillator. In this case, the reference
can no longer operate at
MHz. The labels list the registers in appendices B, C, and D,
that are used to control the clocks.
.
Core PLL
The core PLL creates a high-speed clock that is used for the switch, tile, and reference
clock. The initial PLL multiplication value is shown in Figure 8:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com