Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014532A Datasheet(PDF) 96 Page - Xmos Ltd.

Part # XM014532A
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014532A Datasheet(HTML) 96 Page - Xmos Ltd.

Back Button XM014532A Datasheet HTML 91Page - Xmos Ltd. XM014532A Datasheet HTML 92Page - Xmos Ltd. XM014532A Datasheet HTML 93Page - Xmos Ltd. XM014532A Datasheet HTML 94Page - Xmos Ltd. XM014532A Datasheet HTML 95Page - Xmos Ltd. XM014532A Datasheet HTML 96Page - Xmos Ltd. XM014532A Datasheet HTML 97Page - Xmos Ltd. XM014532A Datasheet HTML 98Page - Xmos Ltd. XM014532A Datasheet HTML 99Page - Xmos Ltd.  
Zoom Inzoom in Zoom Outzoom out
 96 / 99 page
background image
XU6--TQ8 Datasheet
You have chosen an input clock frequency that is supported by the device
(Section ).
If you use USB, then your clock frequency is one of
or
MHz (Section ).
G.
Boot
The device is connected to a QSPI ash for booting, connected to XD,
XD..XD, and XD
(Section ). If not, you must boot the device
through OTP or JTAG, or set it to boot from SPI and connect a SPI ash.
The Flash that you have chosen is supported by the tools.
G.6 JTAG, XScope, and debugging
You have decided as to whether you need an xSYS header or not (Sec-
tion F)
If you included an xSYS header, you are using the smaller ." header
(Section F)
If you have not included an xSYS header, you have devised a method to
program the SPI-ash or OTP (Section F).
G.
GPIO
You have not mapped both inputs and outputs to the same multi-bit port.
Pins XD, XD, XD6, and XD are output only and are, during and
after reset, pulled high and low appropriately (Section )
G.8 Multi device designs
Skip this section if your design only includes a single XMOS device.
One device is connected to a QSPI or SPI ash for booting.
Devices that boot from link have, for example, XD6 pulled high and have
link XL connected to a device to boot from (Section ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com