Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014532A Datasheet(PDF) 66 Page - Xmos Ltd.

Part # XM014532A
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014532A Datasheet(HTML) 66 Page - Xmos Ltd.

Back Button XM014532A Datasheet HTML 62Page - Xmos Ltd. XM014532A Datasheet HTML 63Page - Xmos Ltd. XM014532A Datasheet HTML 64Page - Xmos Ltd. XM014532A Datasheet HTML 65Page - Xmos Ltd. XM014532A Datasheet HTML 66Page - Xmos Ltd. XM014532A Datasheet HTML 67Page - Xmos Ltd. XM014532A Datasheet HTML 68Page - Xmos Ltd. XM014532A Datasheet HTML 69Page - Xmos Ltd. XM014532A Datasheet HTML 70Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
XU6--TQ8 Datasheet
D.6 System switch clock divider
CLK_DIVIDER 0x07
Sets the ratio of the PLL clock and the switch clock.
Bits
Perm
Init
Description
Identier
:6
RO
-
Reserved
:
RW
SSwitch clock divider
SS_CLK_DIVIDER_CLK_DIV
x:
System switch
clock divider
D.
Reference clock
REF_CLK_DIVIDER 0x08
Sets the ratio of the PLL clock and the reference clock used by the node.
Bits
Perm
Init
Description
Identier
:6
RO
-
Reserved
:
RW
Software reference clock divider
SS_SSWITCH_REF_CLK_DIV
x8:
Reference
clock
D.8 System JTAG device ID register
JTAG_DEVICE_ID 0x09
Bits
Perm
Init
Description
Identier
:8
RO
SS_JTAG_DEVICE_ID_VERSION
:
RO
SS_JTAG_DEVICE_ID_PART_NUM
:
RO
SS_JTAG_DEVICE_ID_MANU_ID
RO
SS_JTAG_DEVICE_ID_CONST_VAL
x:
System JTAG
device ID
register
D.
System USERCODE register
JTAG_USERCODE 0x0A
Bits
Perm
Init
Description
Identier
:8
RO
JTAG USERCODE value programmed into OTP SR
SS_JTAG_USERCODE_OTP
:
RO
metal xable ID code
SS_JTAG_USERCODE_MASKID
xA:
System
USERCODE
register
D.
LPDDR clock
DDR_CLK_DIVIDER 0x0B
Sets the ratio of the PLL/APP PLL clock and the LPDDR clock. There is a divide by
permanently after the clock divider to create a matched mark space ratio. The LPDDR
clock needs to be set to be twice the frequency required.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com