Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014532A Datasheet(PDF) 49 Page - Xmos Ltd.

Part # XM014532A
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014532A Datasheet(HTML) 49 Page - Xmos Ltd.

Back Button XM014532A Datasheet HTML 45Page - Xmos Ltd. XM014532A Datasheet HTML 46Page - Xmos Ltd. XM014532A Datasheet HTML 47Page - Xmos Ltd. XM014532A Datasheet HTML 48Page - Xmos Ltd. XM014532A Datasheet HTML 49Page - Xmos Ltd. XM014532A Datasheet HTML 50Page - Xmos Ltd. XM014532A Datasheet HTML 51Page - Xmos Ltd. XM014532A Datasheet HTML 52Page - Xmos Ltd. XM014532A Datasheet HTML 53Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
XU6--TQ8 Datasheet
B.
Ring Oscillator Value
RING_OSC_DATA3 0x0A
This register contains the current count of the Peripheral Wire ring oscillator. This value
is not reset on a system reset.
Bits
Perm
Init
Description
Identier
:6
RO
-
Reserved
:
RO
Ring oscillator Counter data.
RING_OSC_DATA
xA:
Ring Oscillator
Value
B.
RAM size
RAM_SIZE 0x0C
The size of the RAM in bytes
Bits
Perm
Init
Description
Identier
:
RO
Most signicant 6 bits of all addresses.
WORD_ADDRESS_BITS
:
RO
-
Reserved
xC:
RAM size
B.
Debug SSR
DBG_SSR 0x10
This register contains the value of the SSR register when the debugger was called.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
DRW
if in high priority mode
SR_QUEUE
DRW
if, on kernel entry, the thread will switch to dual issue.
SR_KEDI
8
RO
when in dual issue mode.
SR_DI
DRW
when the thread is in fast mode and will continually issue.
SR_FAST
6
DRW
when the thread is paused waiting for events, a lock or another
resource.
SR_WAITING
RO
-
Reserved
DRW
when in kernel mode.
SR_INK
DRW
when in an interrupt handler.
SR_ININT
DRW
when in an event enabling sequence.
SR_INENB
DRW
when interrupts are enabled for the thread.
SR_IEBLE
DRW
when events are enabled for the thread.
SR_EEBLE
x:
Debug SSR
B.
Debug SPC
DBG_SPC 0x11
This register contains the value of the SPC register when the debugger was called.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com