Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014532A Datasheet(PDF) 81 Page - Xmos Ltd.

Part # XM014532A
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014532A Datasheet(HTML) 81 Page - Xmos Ltd.

Back Button XM014532A Datasheet HTML 77Page - Xmos Ltd. XM014532A Datasheet HTML 78Page - Xmos Ltd. XM014532A Datasheet HTML 79Page - Xmos Ltd. XM014532A Datasheet HTML 80Page - Xmos Ltd. XM014532A Datasheet HTML 81Page - Xmos Ltd. XM014532A Datasheet HTML 82Page - Xmos Ltd. XM014532A Datasheet HTML 83Page - Xmos Ltd. XM014532A Datasheet HTML 84Page - Xmos Ltd. XM014532A Datasheet HTML 85Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 99 page
background image
XU6--TQ8 Datasheet
D.6 LPDDR Arbiter RW priority data
LPDDR_RW_COMMAND_QUEUE_PRIORITY
0xC009
Bits
Perm
Init
Description
Identier
:6
RO
-
Reserved
:
RW
Priority for RW queue . Zero is lowest priority.
LPDDR_RW1_PRI
:
RW
Priority for RW queue . Zero is lowest priority.
LPDDR_RW0_PRI
xC:
LPDDR Arbiter
RW priority
data
D.
LPDDR Arbiter timeout data
LPDDR_ARBITRATION_TIMEOUT 0xC00A
Setting this to a non-zero value guarantees that each queue is served at least every N
transactions and prevents starvation.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
:
RW
Maximum number of transactions until a queue is served. Set to to
disable a timeout
LPDDR_TOUT
xCA:
LPDDR Arbiter
timeout data
D.8 LPDDR PHY control
LPDDR_PHY_CONTROL 0xC01D
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
:
RW
x
PHY Control
LPDDR_PHY_CONTROL
xCD:
LPDDR PHY
control
D.
LPDDR LMR cong
LPDDR_LMR_OPCODE 0xC01E
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
:
RW
x
LMR opcode
LPDDR_LMR_OPCODE
xCE:
LPDDR LMR
cong
D.
LPDDR EMR cong
LPDDR_EMR_OPCODE 0xC01F
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
:
RW
x
EMR opcode
LPDDR_EMR_OPCODE
xCF:
LPDDR EMR
cong
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com