Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 170 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 166Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 167Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 168Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 169Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 170Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 171Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 172Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 173Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
USB interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
170/300
●
USB control register (UCTL)
The USB control register (see Table 120) is used to enable the SIE, make the Endpoint
FIFOs visible in the XDATA space and for generating a remote wakeup signal. Upon a
reset, the USB module is disabled and must be enabled by the CPU for communication
with the host over the USB.
Table 120.
USB control register (UCTL 0ECh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
–
–
USBEN
VISIBLE
WAKEUP
Table 121.
UCTL register bit definition
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
–
–
Reserved
3
–
–
Reserved
2
USBEN
R/W
USB Enable
When this bit is set, the USB function is enabled and the SIE
responds to tokens from the host. When this bit is clear, the
USB function is disabled and does not respond to any tokens
from the host.
Note: A USB reset does not clear this bit. Disabling and
enabling the SIE using this bit resets part of the USB SIE state
machine and some of the bits in the USTA and UCON
registers.
1VISIBLE
R/W
USB FIFO VISIBLE
When this bit is set, the selected USB FIFO is accessible
(visible) in the XDATA space.
0
WAKEUP
R/W
Remote Wakeup Enable
This bit forces a resume or “K” state on the USB data lines to
initiate a remote wake-up. The CPU is responsible for
controlling the timing of the forced resume that must be
between 10ms and 15ms. Setting this bit will not cause the
RESUMF Bit to be set.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com