Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 171 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 167Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 168Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 169Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 170Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 171Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 172Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 173Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 174Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
USB interface
171/300
●
USB endpoint0 status (USTA)
The USB Endpoint0 Status register (see Table 122) provides the status for events that
occur on the USB that are directed to endpoint0.
Caution:
Disabling and enabling the USB SIE using the USBEN bit in the UCTL register clears the
RCVT, IN, and OUT bits in this register.
Table 122.
USB endpoint0 status (USTA 0EDh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
–
RCVT
SETUP
IN
OUT
Table 123.
USTA register bit definition
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
–
–
Reserved
3RCVT
R
Received Data Toggle Bit
This bit indicates the toggle bit of the received data packet:
0 = Data0, and
1 = Data1
2SETUP
R/W
SETUP Token Detect Bit
This bit is set when Endpoint0 receives a SETUP token. This
bit is not cleared when Endpoint0 receives an IN or OUT token
following the SETUP token that set this bit. This bit is cleared
by software or a reset.
1IN
R
IN Token Detect Bit
This bit is set when Endpoint0 receives an IN token. This bit is
cleared when Endpoint0 receives a SETUP or OUT token.
0OUT
R
OUT Token Detect Bit
This bit is set when Endpoint0 receives an OUT token. This bit
is cleared when Endpoint0 receives a SETUP or IN token.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com