Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 174 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 170Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 171Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 172Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 173Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 174Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 175Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 176Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 177Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
USB interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
174/300
●
USB FIFO valid size (USIZE)
The Endpoint selected by the USB endpoint select register (see Table 124 on
page 172) determines the direction and FIFO that is controlled by the USB FIFO valid
size (see Table 128). The USB FIFO valid size register indicates the number of bytes
loaded into the IN FIFO that the SIE is to send in a Data packet for an Endpoint IN case
and indicates the number of bytes received for an Endpoint OUT case.
0BSY
R/W
FIFO Busy Status
– Endpoint IN Case
Once the FIFO has been loaded and armed (USIZE written with the
number of bytes to send), the BSY Bit is set and remains set until the
SIE has transmitted the data in the FIFO. The CPU should only access
the FIFO when BSY = 0.
– Endpoint OUT Case
While the SIE is receiving data and storing it in the FIFO (BSY = 1), it
should not be accessed by the CPU. Once the OUT transaction is
complete (BSY=0), the CPU may read the contents of the FIFO. The
BSY Bit will remain cleared until another OUT transaction is received.
Table 128.
USB FIFO valid size (USIZE 0F2h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
SIZE[6:0]
Table 129.
USIZE register bit definition
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6:0
SIZE
R/W
– Endpoint IN Case
The CPU writes the USIZE register with the number of bytes it
loaded into the IN endpoint FIFO for transmission with the next
IN transaction. Once the USIZE register has been written, the
FIFO becomes ready for transmission.
– Endpoint OUT Case
The CPU reads the USIZE register to determine how many
bytes were received in the data packet during the last OUT
transaction. This tells the CPU how many valid bytes to read
from the FIFO.
Note: Since the FIFOs are 64 bytes in length, the maximum
value for SIZE is 64 (40h).
Table 127.
UCON register bit definition (continued)
Bit
Symbol
R/W
Definition
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com