Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 3Page - STMicroelectronics ST25TB02K Datasheet HTML 4Page - STMicroelectronics ST25TB02K Datasheet HTML 5Page - STMicroelectronics ST25TB02K Datasheet HTML 6Page - STMicroelectronics ST25TB02K Datasheet HTML 7Page - STMicroelectronics ST25TB02K Datasheet HTML 8Page - STMicroelectronics ST25TB02K Datasheet HTML 9Page - STMicroelectronics ST25TB02K Datasheet HTML 10Page - STMicroelectronics ST25TB02K Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
3.2
Output data transfer from to reader ST25TB02K (answer frame)
The data bits issued by the ST25TB02K use back-scattering. Back-scattering is obtained by modifying the
ST25TB02K current consumption at the antenna (load modulation). The load modulation causes a variation at the
reader antenna by inductive coupling. With appropriate detector circuitry, the reader is able to pick up information
from the ST25TB02K. To improve load-modulation detection, data is transmitted using a BPSK encoded, 847 kHz
subcarrier frequency ƒs as shown in Figure 7, and as specified in the ISO 14443-2 Type B standard.
Figure 7. Wave transmitted using BPSK subcarrier modulation
Or
Data Bit to be Transmitted
to the Reader
847kHz BPSK Modulation
Generated by the ST25TBxxx
BPSK Modulation at 847kHz
During a One-bit Data Transfer Time (1/106kHz)
3.2.1
Character transmission format for answer frame
The character format is the same as for input data transfer (Figure 4). The transmitted frames are made up of
an SOF, data, a CRC and an EOF (Figure 10). As with an input data transfer, if an error occurs, the reader does
not issue an error code to the ST25TB02K, but it should be able to detect it and manage the situation. The data
transfer rate is 106 Kbits/second.
3.2.2
Answer start of frame
The SOF described in Figure 8 is composed of:
•
one falling edge,
•
followed by 10 ETUs at logic-0,
•
followed by 2 ETUs at logic-1.
Figure 8. Answer start of frame
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
0
0
0
0
0
0
0
0
0
0
1
1
ST25TB02K
Output data transfer from to reader ST25TB02K (answer frame)
DS11469 - Rev 7
page 7/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com