Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 14Page - STMicroelectronics ST25TB02K Datasheet HTML 15Page - STMicroelectronics ST25TB02K Datasheet HTML 16Page - STMicroelectronics ST25TB02K Datasheet HTML 17Page - STMicroelectronics ST25TB02K Datasheet HTML 18Page - STMicroelectronics ST25TB02K Datasheet HTML 19Page - STMicroelectronics ST25TB02K Datasheet HTML 20Page - STMicroelectronics ST25TB02K Datasheet HTML 21Page - STMicroelectronics ST25TB02K Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
7
Anticollision
The ST25TB02K provides an anticollision mechanism that searches for the Chip_ID of each device that is present
in the reader field range. When known, the Chip_ID is used to select an ST25TB02K individually, and access
its memory. The anticollision sequence is managed by the reader through a set of commands described in
Section 8 ST25TB02K commands:
Initiate()
Pcall16()
Slot_marker().
The reader is the master of the communication with one or more ST25TB02K device(s). It initiates the tag
communication activity by issuing an Initiate(), Pcall16() or Slot_marker() command to prompt the ST25TB02K
to answer. During the anticollision sequence, it might happen that two or more ST25TB02K devices respond
simultaneously, so causing a collision. The command set allows the reader to handle the sequence, to separate
ST25TB02K transmissions into different time slots. Once the anticollision sequence has completed, ST25TB02K
communication is fully under the control of the reader, allowing only one ST25TB02K to transmit at a time.
The Anticollision scheme is based on the definition of time slots during which the ST25TB02K devices are invited
to answer with minimum identification data: the Chip_ID. The number of slots is fixed at 16 for the Pcall16()
command. For the Initiate() command, there is no slot and the ST25TB02K answers after the command is issued.
ST25TB02K devices are allowed to answer only once during the anticollision sequence. Consequently, even if
there are several ST25TB02K devices present in the reader field, there will probably be a slot in which only
one ST25TB02K answers, allowing the reader to capture its Chip_ID. Using the Chip_ID, the reader can then
establish a communication channel with the identified ST25TB02K. The purpose of the anticollision sequence is
to allow the reader to select one ST25TB02K at a time.
The ST25TB02K is given an 8-bit Chip_ID value used by the reader to select only one among up to 256 tags
present within its field range. The Chip_ID is initialized with a random value during the Ready state, or after an
Initiate() command in the Inventory state.
The four least significant bits (b0 to b3) of the Chip_ID are also known as the Chip_slot_number. This 4-bit value is
used by the Pcall16() and Slot_marker() commands during the anticollision sequence in the Inventory state.
Figure 16. ST25TB02K Chip_ID description
b7
b6
b5
b4
b3
b2
b1
b0
8-bit Chip_ID
b0 to b3:Chip_slot_n umber
Each time the ST25TB02K receives a Pcall16() command, the Chip_slot_number is given a new 4-bit random
value. If the new value is 0000b, the ST25TB02K returns its whole 8-bit Chip_ID in its answer to the Pcall16()
command. The Pcall16() command is also used to define the slot number 0 of the anticollision sequence. When
the ST25TB02K receives the Slot_marker(SN) command, it compares its Chip_slot_number with the Slot_number
parameter (SN). If they match, the ST25TB02K returns its Chip_ID as a response to the command. If they do
not, the ST25TB02K does not answer. The Slot_marker(SN) command is used to define all the anticollision slot
numbers from 1 to 15.
ST25TB02K
Anticollision
DS11469 - Rev 7
page 18/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com