Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 10Page - STMicroelectronics ST25TB02K Datasheet HTML 11Page - STMicroelectronics ST25TB02K Datasheet HTML 12Page - STMicroelectronics ST25TB02K Datasheet HTML 13Page - STMicroelectronics ST25TB02K Datasheet HTML 14Page - STMicroelectronics ST25TB02K Datasheet HTML 15Page - STMicroelectronics ST25TB02K Datasheet HTML 16Page - STMicroelectronics ST25TB02K Datasheet HTML 17Page - STMicroelectronics ST25TB02K Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
4.3
System area
This area is used to modify the settings of the ST25TB02K. It contains 2 registers: OTP_Lock_Reg and ST
Reserved. See Table 7. System area for a map of this area.
A Write_block command in this area will not erase the previous contents. Selected bits can thus be set from 1
to 0. All bits previously at 0 remain unchanged. Once all the 32 bits of a block are at 0, the block is empty and
cannot be updated any more.
Table 7. System area
Block Address
MSB
32-bit block
LSB
Description
b31
b24
b23
b16
b15
b14
b7
b0
255
OTP_Lock_Reg
0
ST reserved
OTP
4.3.1
OTP_Lock_Reg
The 8 bits, b31 to b24, of the System area (block address 255) are used as OTP_Lock_Reg bits in the
ST25TB02K. They control the write access to the 9 EEPROM blocks with addresses 7 to 15 as follows:
When b24 is at 0, blocks 7 and 8 are write-protected
When b25 is at 0, block 9 is write-protected
When b26 is at 0, block 10 is write-protected
When b27 is at 0, block 11 is write-protected
When b28 is at 0, block 12 is write-protected
When b29 is at 0, block 13 is write-protected
When b30 is at 0, block 14 is write-protected
When b31 is at 0, block 15 is write-protected.
The OTP_Lock_Reg bits cannot be erased. Once write-protected, EEPROM blocks behave like ROM blocks and
cannot be unprotected.
After any modification of the OTP_Lock_Reg bits, it is necessary to send a Select command with a valid Chip_ID
to the ST25TB02K in order to load the block write protection into the logic.
ST25TB02K
System area
DS11469 - Rev 7
page 14/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com