Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 16Page - STMicroelectronics ST25TB02K Datasheet HTML 17Page - STMicroelectronics ST25TB02K Datasheet HTML 18Page - STMicroelectronics ST25TB02K Datasheet HTML 19Page - STMicroelectronics ST25TB02K Datasheet HTML 20Page - STMicroelectronics ST25TB02K Datasheet HTML 21Page - STMicroelectronics ST25TB02K Datasheet HTML 22Page - STMicroelectronics ST25TB02K Datasheet HTML 23Page - STMicroelectronics ST25TB02K Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Table 8. Standard anticollision sequence
Step 1
Init:
Send Initiate().
If no answer is detected, go to step1.
If only 1 answer is detected, select and access the ST25TB02K. After accessing the ST25TB02K,
deselect the tag and go to step1.
If a collision (many answers) is detected, go to step2.
Step 2
Slot 0
Send Pcall16().
If no answer or collision is detected, go to step3.
If 1 answer is detected, store the Chip_ID, Send Select() and go to step3.
Step 3
Slot 1
Send Slot_marker(1).
If no answer or collision is detected, go to step4.
If 1 answer is detected, store the Chip_ID, Send Select() and go to step4.
Step 4
Slot 2
Send Slot_marker(2).
If no answer or collision is detected, go to step5.
If 1 answer is detected, store the Chip_ID, Send Select() and go to step5.
Step N
Slop N
Send Slot_marker(3 up to 14) ...
If no answer or collision is detected, go to stepN+1.
If 1 answer is detected, store the Chip_ID, Send Select() and go to stepN+1.
Step 17 Slot 15
Send Slot_marker(15).
If no answer or collision is detected, go to step18.
If 1 answer is detected, store the Chip_ID, Send Select() and go to step18.
Step 18 -
All the slots have been generated and the Chip_ID values should be stored into the reader memory. Issue
the Select(Chip_ID) command and access each identified ST25TB02K one by one. After accessing each
ST25TB02K, switch them into Deselected or Deactivated state, depending on the application needs.
If collisions were detected between Step2 and Step17, go to Step2.
If no collision was detected between Step2 and Step17, go to Step1.
After each Slot_marker() command, there may be no answer, one or several answers from the ST25TB02K
devices. The reader must handle all the cases and store all the Chip_IDs, correctly decoded. At the end of the
anticollision sequence, after Slot_marker(15), the reader can start working with one ST25TB02K by issuing a
Select() command containing the desired Chip_ID. If a collision is detected, the reader has to generate a new
sequence in order to identify all unidentified ST25TB02K devices in the field. The anticollision sequence can stop
when all ST25TB02K devices have been identified.
Table 9 gives an example of anticollision sequence, the cells containing (*) highlight the fact that the related tags
are not yet identified. When the tag is identified, in the table the (*) changes to bold character.
Table 9. Example of an anticollision sequence
Command
Tag1
Tag2
Tag3
Tag4
Tag5
Tag6
Tag7
Tag8
Comment
Chip_ID Chip_ID Chip_ID Chip_ID Chip_ID Chip_ID Chip_ID Chip_ID
READY state
28h(*)
75h(*)
40h(*)
01h(*)
02h(*)
FEh(*)
A9h(*)
7Ch(*)
Each tag gets a random Chip_ID
INITIATE()
40h(*)
13h(*)
3Fh(*)
4Ah(*)
50h(*)
48h(*)
52h(*)
7Ch(*)
Each tag get a new random Chip_ID.
All tags answer: collisions
PCALL16()
45h(*)
12h(*)
30h(*)
43h(*)
55h(*)
43h(*)
53h(*)
73h(*)
All CHIP_SLOT_ NUMBERs get a
new random value
SELECT(30h)
(*)
(*)
(*)30h
(*)
(*)
(*)
(*)
(*)
Slot0: only one answer
SLOT_MARKER(1) (*)
(*)
30h
(*)
(*)
(*)-
(*)-
(*)
Slot1: no answer
SLOT_MARKER(2) (*)
12h(*)
-
(*)
(*)
(*)
(*)
(*)
Slot2: only one answer
SELECT(12h)
(*)
12h
-
(*)
(*)
(*)
(*)
(*)
Tag2 is identified
SLOT_MARKER(3) (*)
-
-
43h(*)
(*)
43h(*)
53h(*)
73h(*)
Slot3: collision
SLOT_MARKER(4) (*)
-
-
(*)
(*)
(*)
(*)
(*)
Slot4: no answer
ST25TB02K
Description of an anticollision sequence
DS11469 - Rev 7
page 20/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com