Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 36Page - STMicroelectronics ST25TB02K Datasheet HTML 37Page - STMicroelectronics ST25TB02K Datasheet HTML 38Page - STMicroelectronics ST25TB02K Datasheet HTML 39Page - STMicroelectronics ST25TB02K Datasheet HTML 40Page - STMicroelectronics ST25TB02K Datasheet HTML 41Page - STMicroelectronics ST25TB02K Datasheet HTML 42Page - STMicroelectronics ST25TB02K Datasheet HTML 43Page - STMicroelectronics ST25TB02K Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Figure 52. Reset_to_inventory frame exchange between reader and ST25TB02K
SOF
0Ch
CRCL CRCH EOF
Reader
ST25TBxxx
No Response
Figure 53. Read_block frame exchange between reader and ST25TB02K
S
O
F
Data 1 Data 2 Data 3 Data 4
Reader
ST25TBxxx
<-t0-><-t1->
S
O
F
08h
E
O
F
Address
CRCL CRCH
CRCL CRCH
E
O
F
Figure 54. Write_block frame exchange between reader and ST25TB02K
SOF
09h
EOF
Reader
ST25TBxxx
CRCL CRCH
Data 1 Data 2 Data 3
Address
No Response
Data 4
Figure 55. Get_UID frame exchange between reader and ST25TB02K
S
O
F
UID 4
CRCL
E
O
F
CRCH
UID 5 UID 6 UID 7
UID 0
UID 3
UID 1 UID 2
S
O
F
CRCL
E
O
F
CRCH
0Bh
<-t0-><-t1->
Reader
ST25TBxxx
ST25TB02K
ST25TB02K command brief
DS11469 - Rev 7
page 40/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com