Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 28Page - STMicroelectronics ST25TB02K Datasheet HTML 29Page - STMicroelectronics ST25TB02K Datasheet HTML 30Page - STMicroelectronics ST25TB02K Datasheet HTML 31Page - STMicroelectronics ST25TB02K Datasheet HTML 32Page - STMicroelectronics ST25TB02K Datasheet HTML 33Page - STMicroelectronics ST25TB02K Datasheet HTML 34Page - STMicroelectronics ST25TB02K Datasheet HTML 35Page - STMicroelectronics ST25TB02K Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Figure 44. 64-bit unique identifier of the ST25TB02K
D0h
Unique Serial Number
02h
63
55
47
0
MSB
LSB
39
3Fh
Figure 45. Get_UID frame exchange between reader and ST25TB02K
S
O
F
UID 4
CRCL
E
O
F
CRCH
UID 5 UID 6 UID 7
UID 0
UID 3
UID 1 UID 2
S
O
F
CRCL
E
O
F
CRCH
0Bh
<-t0-><-t1->
Reader
ST25TBxxx
ST25TB02K
Get_UID() command
DS11469 - Rev 7
page 32/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com