Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 7Page - STMicroelectronics ST25TB02K Datasheet HTML 8Page - STMicroelectronics ST25TB02K Datasheet HTML 9Page - STMicroelectronics ST25TB02K Datasheet HTML 10Page - STMicroelectronics ST25TB02K Datasheet HTML 11Page - STMicroelectronics ST25TB02K Datasheet HTML 12Page - STMicroelectronics ST25TB02K Datasheet HTML 13Page - STMicroelectronics ST25TB02K Datasheet HTML 14Page - STMicroelectronics ST25TB02K Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
4.1
EEPROM area
4.1.1
Block 0-4: resettable OTP area
This area contains five individual 32-bit Boolean words (see Table 4 for a map of the area). A Write_block
command doesn't erase the previous contents of the block as the write cycle is not preceded by an auto-erase
cycle. This feature can be used to reset selected bits from 1 to 0. All bits previously at 0 remain unchanged. When
the 32 bits of a block are all at 0, the block is empty, and cannot be updated any more. See Figure 1 and Figure 2
for examples of the result of the Write_block command in the resettable OTP area.
Table 4. Resettable OTP area (addresses 0 to 4)
Block Address
MSB
32-bit block
LSB
Description
b31
b24 b23
b16 b15
b8 b7
b0
0
32-bit Boolean area
Resettable
OTP bit
1
32-bit Boolean area
2
32-bit Boolean area
3
32-bit Boolean area
4
32-bit Boolean area
Figure 12. Write_block update in Standard mode (binary format)
1
...
1
1
0
1
0
1
1
1
1
1
0
1
1
1
...
1
0
0
1
0
1
1
0
0
1
1
1
1
1
...
1
0
0
1
0
1
1
0
0
1
0
1
1
Previous data stored in block
Data to be written
New data stored in block
b31
b0
The five 32-bit blocks making up the resettable OTP area can be erased in one go by adding an auto-erase
cycle to the Write_block command. An auto-erase cycle is added each time one reload mode is activated. The
reload mode is implemented through a specific update of the 32-bit binary counter located at block address 6 (see
Section 4.2 32-bit binary counters for details).
Figure 13. Write_block update in Reload mode (binary format)
ai07659
1
...
1
1
0
1
0
1
1
1
1
1
0
1
1
1
...
1
1
1
1
0
1
1
0
0
1
1
1
1
1
...
1
1
1
1
0
1
1
0
0
1
1
1
1
Previous data stored in block
Data to be written
New data stored in block
b31
b0
ST25TB02K
EEPROM area
DS11469 - Rev 7
page 11/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com