Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 12Page - STMicroelectronics ST25TB02K Datasheet HTML 13Page - STMicroelectronics ST25TB02K Datasheet HTML 14Page - STMicroelectronics ST25TB02K Datasheet HTML 15Page - STMicroelectronics ST25TB02K Datasheet HTML 16Page - STMicroelectronics ST25TB02K Datasheet HTML 17Page - STMicroelectronics ST25TB02K Datasheet HTML 18Page - STMicroelectronics ST25TB02K Datasheet HTML 19Page - STMicroelectronics ST25TB02K Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
6
ST25TB02K states
The ST25TB02K can be switched into different states. Depending on the current state of the ST25TB02K, its logic
will only answer to specific commands. These states are mainly used during the anticollision sequence, to identify
and to access the ST25TB02K in a very short time. The ST25TB02K provides 6 different states, as described in
the following paragraphs and in Figure 15.
6.1
Power-off state
The ST25TB02K is in Power-off state when the electromagnetic field around the tag is not strong enough. In this
state, the ST25TB02K does not respond to any command.
6.2
Ready state
When the electromagnetic field is strong enough, the ST25TB02K enters the Ready state. After Power-up, the
Chip_ID is initialized with a random value. The whole logic is reset and remains in this state until an Initiate()
command is issued. Any other command will be ignored by the ST25TB02K.
6.3
Inventory state
The ST25TB02K switches from the Ready to the Inventory state after an Initiate() command has been
issued. In Inventory state, the ST25TB02K will respond to any anticollision commands: Initiate(), Pcall16() and
Slot_marker(), and then remain in the Inventory state. It will switch to the Selected state after a Select(Chip_ID)
command is issued, if the Chip_ID in the command matches its own. If not, it will remain in Inventory state.
6.4
Selected state
In Selected state, the ST25TB02K is active and responds to all Read_block(), Write_block() and Get_UID()
commands. When an ST25TB02K has entered the Selected state, it no longer responds to anticollision
commands. So that the reader can access another tag, the ST25TB02K can be switched to the Deselected
state by sending a Select(Chip_ID) with a Chip_ID that does not match its own, or it can be placed in Deactivated
state by issuing a Completion() command. Only one ST25TB02K can be in Selected state at a time.
6.5
Deselected state
Once the ST25TB02K is in Deselected state, only a Select(Chip_ID) command with a Chip_ID matching its own
can switch it back to Selected state. All other commands are ignored.
ST25TB02K
ST25TB02K states
DS11469 - Rev 7
page 16/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com