Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 31Page - STMicroelectronics ST25TB02K Datasheet HTML 32Page - STMicroelectronics ST25TB02K Datasheet HTML 33Page - STMicroelectronics ST25TB02K Datasheet HTML 34Page - STMicroelectronics ST25TB02K Datasheet HTML 35Page - STMicroelectronics ST25TB02K Datasheet HTML 36Page - STMicroelectronics ST25TB02K Datasheet HTML 37Page - STMicroelectronics ST25TB02K Datasheet HTML 38Page - STMicroelectronics ST25TB02K Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
10
RF electrical parameters
Table 12. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
-40
85
°C
Table 13. Electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
H_ISO
Operating field according to ISO
TA = 0 °C to 50 °C
1500
-
7500
mA/m
H_extended
Operating field in extended temperature range
TA = -40 °C to 85 °C
1500
-
7500
VRET
Back-scattering induced voltage
ISO 10373-6
20
-
-
mV
CTUN
Internal tuning capacitor
13.56 MHz (1)
62
68
74
pF
1. The tuning capacitance value is evaluated by characterization with equipement at chip power on reset and ambient
temperature. This value is to be used as reference for antenna design. Min and max value are deduced from correlation at
ambient temperature with industrial tester limits.
Note:
For inlay implementation, the antenna design applied for SRI2K can be re-used as-is for ST25TB02K: typical
68pF value for the ST25TB02K is equivalent to what was specified in the SRI2K data-sheet as 64pF.
This change is related to a different measurement methodology between SRI2K and ST25TB02K.
Table 14. RF characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fCC
RFcarrier frequency
-
13.553
-
13.567 MHz
MICARRIE R Carrier modulation index
MI=(A-B)/(A+B)
8
11
14
%
tRFR, tRFF 10% Rise and Fall times
-
0.1
-
1.25
µs
tRFSBL
Minimum pulse width for Start bit
ETU = 128/fCC
-
9.44
-
µs
tJIT
ASK modulation data jitter
Coupler to ST25TB02K
–2
-
+2
µs
tMIN CD
Minimum timefrom carrier generation to first
data
-
5
-
-
ms
fS
Subcarrier frequency
fCC/16
-
847.5
-
kHz
t0
Antenna reversal delay
-
-
159
-
µs
t1
Synchronization delay
-
-
151
-
µs
t2
Answer to new request delay
14 ETU
132
-
-
µs
tDR
Time between request characters
Coupler to ST25TB02K
0
-
57
µs
tDA
Time between answer characters
ST25TB02K to
coupler
-
0
-
µs
tW
Programming time for write
With no auto-erase cycle (OTP)
-
-
3
ms
With auto-erase cycle (EEPROM)
-
-
5
ms
Binarycounter decrement with
tearing condition
-
-
7
ms
ST25TB02K
RF electrical parameters
DS11469 - Rev 7
page 35/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com