Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 27Page - STMicroelectronics ST25TB02K Datasheet HTML 28Page - STMicroelectronics ST25TB02K Datasheet HTML 29Page - STMicroelectronics ST25TB02K Datasheet HTML 30Page - STMicroelectronics ST25TB02K Datasheet HTML 31Page - STMicroelectronics ST25TB02K Datasheet HTML 32Page - STMicroelectronics ST25TB02K Datasheet HTML 33Page - STMicroelectronics ST25TB02K Datasheet HTML 34Page - STMicroelectronics ST25TB02K Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
8.9
Get_UID() command
Command code = 0Bh
On receiving the Get_UID command, the ST25TB02K returns its 8 UID bytes. UID bytes are transmitted with the
least significant byte first, and each byte is transmitted with the least significant bit first.
The ST25TB02K must have received a Select() command and be switched to Selected state before any
Get_UID() command can be accepted. All Get_UID() commands sent to the ST25TB02K before a Select()
command is issued, are ignored.
Figure 42. Get_UID request format
SOF
CRCL
EOF
8 bits
8 bits
CRCH
Get_IUD
0Bh
Request parameter:
•
No parameter
Figure 43. Get_UID response format
SOF
UID 4
CRCL
EOF
8 bits
8 bits
8 bits
CRCH
8 bits
8 bits
8 bits
UID 5
UID 6
UID 7
UID 0
UID 3
8 bits
8 bits
8 bits
UID 1
UID 2
8 bits
Response parameters:
•
UID 0: Less significant UID byte
•
UID 1 to UID 6: UID bytes
•
UID 7: Most significant UID byte.
Unique identifier (UID)
Members of the ST25TB02K family are uniquely identified by a 64-bit unique identifier (UID). This is used for
addressing each ST25TB02K device uniquely after the anticollision loop. The UID complies with ISO/IEC 15963
and ISO/IEC 7816-6. It is a read-only code, and comprises (as summarized in Figure 44. 64-bit unique identifier of
the ST25TB02K):
•
an 8-bit prefix, with the most significant bits set to D0h
•
an 8-bit IC manufacturer code (ISO/IEC 7816-6/AM1) set to 02h (for STMicroelectronics)
•
a 8-bit product ref code set to 3Fh for ST25TB02K
•
a 40-bit unique serial number
ST25TB02K
Get_UID() command
DS11469 - Rev 7
page 31/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com