Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB02K Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST25TB02K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 26Page - STMicroelectronics ST25TB02K Datasheet HTML 27Page - STMicroelectronics ST25TB02K Datasheet HTML 28Page - STMicroelectronics ST25TB02K Datasheet HTML 29Page - STMicroelectronics ST25TB02K Datasheet HTML 30Page - STMicroelectronics ST25TB02K Datasheet HTML 31Page - STMicroelectronics ST25TB02K Datasheet HTML 32Page - STMicroelectronics ST25TB02K Datasheet HTML 33Page - STMicroelectronics ST25TB02K Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
8.8
Write_block (Addr, Data) command
Command code = 09h
On receiving the Write_block command, the ST25TB02K writes the 4 bytes contained in the command to the
addressed block, provided that the block is available and not write-protected. Data bytes are transmitted with the
least significant byte first, and each byte is transmitted with the least significant bit first.
The address byte gives access to the 64 blocks of the ST25TB02K (addresses 0 to 63). Write_block commands
issued with a block address above 63 will not be interpreted and the ST25TB02K will not return any response,
except for the System area located at address 255.
The result of the Write_block command is submitted to the addressed block. See the following tables for a
complete description of the Write_block command:
•
Table 4. Resettable OTP area (addresses 0 to 4)
•
Table 6. Binary counter (addresses 5 to 6)
•
Table 5. EEPROM area (addresses 7 to 63)
The Write_block command does not give rise to a response from the ST25TB02K. The reader must check after
the programming time, tW, that the data was correctly programmed. The ST25TB02K must have received a
Select() command and be switched to Selected state before any Write_block command can be accepted. All
Write_block commands sent to the ST25TB02K before a Select() command is issued, are ignored.
Figure 39. Write_block request format
SOF
Data 1
CRCL
EOF
8 bits
8 bits
8 bits
CRCH
8 bits
8 bits
8 bits
Data 2 Data 3
Data 4
Write_block
Address
09h
8 bits
•
Request parameters:
•
Address: block addresses from 0 to 63, or 255
•
Data 1: Less significant data byte
•
Data 2: Data byte
•
Data 3: Data byte
•
Data 4: Most significant data byte.
Figure 40. Write_block response format
No Response
Figure 41. Write_block frame exchange between reader and ST25TB02K
SOF
09h
EOF
Reader
ST25TBxxx
CRCL CRCH
Data 1 Data 2 Data 3
Address
No Response
Data 4
ST25TB02K
Write_block (Addr, Data) command
DS11469 - Rev 7
page 30/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com