Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 41Page - Renesas Technology Corp DA9062 Datasheet HTML 42Page - Renesas Technology Corp DA9062 Datasheet HTML 43Page - Renesas Technology Corp DA9062 Datasheet HTML 44Page - Renesas Technology Corp DA9062 Datasheet HTML 45Page - Renesas Technology Corp DA9062 Datasheet HTML 46Page - Renesas Technology Corp DA9062 Datasheet HTML 47Page - Renesas Technology Corp DA9062 Datasheet HTML 48Page - Renesas Technology Corp DA9062 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
45 of 99
© 2022 Renesas Electronics
8.7.6
Operating Mode
The operating mode of each converter can be set via the buck register (BUCK<x>_MODE) to
synchronous (PWM), sleep (PFM), or auto. In auto mode the buck converter switches between PWM
and PFM depending on the load current. The current consumption during PWM operation is 10 mA
and drops to <1 µA in shutdown.
Note
It is not recommended that the Auto mode transition feature is used under certain operating conditions.
Customers wishing to use the Auto mode transition feature should first check with their Dialog FAE.
In addition, the buck mode can be controlled with the A and B setting. If BUCK<x>_SL_B is set, the
buck is forced to SLEEP mode when the B setting is active. Similarly, if BUCK<x>_SL_A is set, the
buck is forced to SLEEP mode when the A setting is active.
8.7.7
Half-Current Mode
Buck1 and Buck2 can operate in half-current mode where the quiescent current is reduced by
disabling half of the pass devices. As the name implies, enabling this option halves the output
current, and therefore, this feature is valuable in applications where quiescent current is critical and
full current is not needed. This feature is controlled with BUCK1_FCM and BUCK2_FCM. If the bit is
asserted (BUCK<x>_FCM = 1), the corresponding buck is in full-current mode and the full current is
available. If the bit is de-asserted, the corresponding buck is in half-current mode. Operating the
bucks in full-current mode requires twice as much output capacitance (2 x 47 µF) as the half-current
mode (2 x 22 µF).
8.7.8
Buck1 and Buck2 in Dual-Phase Mode
Buck1 and Buck2 can be merged as a dual-phase buck, with up to 5 A output current. If enabled in
OTP via BUCK1_2_MERGE, the outputs from both inductors must be routed together. The controls
for Buck2 are automatically disabled in this configuration, except for BUCK2_PD_DIS.
8.7.9
Buck4 in DDR Memory Bus Termination Mode
Buck4 can be used to generate the DDR memory termination voltage, VTT. In this mode, Buck4
tracks the divided VDDQ voltage and it is able to both sink and source current. As described in
Section 8.3.5, GPIO0 can be configured to carry the VDDQ and GPIO1 can be configured to carry
the VTTR signal. The VTTR output provides buffered version of the VDDQ/2 voltage with ±10 mA
source/sink capability (requires 0.1 µF stabilization capacitor), see Figure 20. When used for memory
termination, Buck4 has to be configured with BUCK4_MODE = 00 and BUCK4_SL_<x> = 0. If
BUCK4_VTT_EN and BUCK4_VTTR_EN are asserted at the same time, the VTTR provides a
buffered VTT reference, but otherwise Buck4 is running in a normal output voltage control mode.
Buck4
Buck
control
DAC
VBUCK4
VLX_BUCK4
VTT (±700 mA)
VDDQ
GPIO0
VTTR (±10 mA)
GPIO1
VBUCK4
VDD_BUCK4
BUCK4_VTT_EN
+
-
VREF
Figure 20: Buck4 DDR Memory Bus Termination Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com