Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 43Page - Renesas Technology Corp DA9062 Datasheet HTML 44Page - Renesas Technology Corp DA9062 Datasheet HTML 45Page - Renesas Technology Corp DA9062 Datasheet HTML 46Page - Renesas Technology Corp DA9062 Datasheet HTML 47Page - Renesas Technology Corp DA9062 Datasheet HTML 48Page - Renesas Technology Corp DA9062 Datasheet HTML 49Page - Renesas Technology Corp DA9062 Datasheet HTML 50Page - Renesas Technology Corp DA9062 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
47 of 99
© 2022 Renesas Electronics
8.8.1
NO-POWER Mode
The NO-POWER mode is initial state when powering up the DA9062 for the first time. When the
system supply rises above a threshold, DA9062 enters RESET mode.
8.8.2
RTC Mode
The RTC mode is a low-power mode with only a minimum set of functions to maintain the system
time. All supplies are disabled. RTC mode is entered either after a software request or when the
backup battery is the only supply. If enabled in register RTC_MODE_PD, the power sequencer
proceeds automatically from the POWERDOWN state to RTC mode. If the system supply is
removed, DA9062 will also enter RTC mode. Supply recovery will trigger an exit from RTC mode
automatically. DA9062 will exit RTC mode when nONKEY is asserted, or an RTC alarm is raised.
GPIOs are not operational in RTC mode. With RTC_EN = 1, the DA9062 automatically enters RTC
mode when a VDD_FAULT condition occurs and RTC_MODE_SD = 1, or when VSYS drops below
VPOR_LOWER.
8.8.3
RESET Mode
In RESET mode, the internal supplies, and LDO1 (if configured as an always-on supply) are enabled.
All other DA9062 supplies are disabled.
DA9062 is in RESET mode whenever a complete application shutdown is required. RESET mode
can be triggered by the user, a host processor, or an internal event.
RESET mode can be triggered by the user:
● from a long press of nONKEY (interruptible by host) defined by register SHUT_DELAY
● by pressing a reset switch that is connected to port nRESETREQ (non-interruptible)
RESET mode can be forced from the host processor (non-interruptible):
● by asserting nRESETREQ (falling edge)
● by writing to register SHUTDOWN
DA9062 error conditions that force RESET mode (non-interruptible) are:
● no WATCHDOG write (WDKICK signal assertion) from the host inside the watchdog time window
(if watchdog was enabled)
● an under-voltage detected on VSYS (VSYS < VDD_FAULT_LOWER)
● an internal junction over-temperature
With the INT_SD_MODE, HOST_SD_MODE and KEY_SD_MODE controls, the shutdown
sequences from internal fault, host or user triggered, are individually configured to either implement
the reverse timing of the power-up sequence or transfer immediately to the RESET mode by skipping
any delay from sequencer or dummy slot timers. For the host to determine the reason for the reset a
FAULT_LOG register stores the root cause (either KEY_RESET or NRESETREQ). The host
processor resets this register by writing asserted bits with 1.
KEY_SD_MODE = 1 triggers a complete power on reset (POR) (instead of entering RESET mode)
after the related keys are pressed extendedly.
If an OTP read is aborted, DA9062 enters RESET mode without an asserted bit inside register
FAULT_LOG.
A shutdown sequence to RESET mode will start with the assertion of the nRESET port. After the
sequencer completes the power-down sequence (sequencer position 0), DA9062 continues to
RESET mode with only the following active circuits: LDOCORE (at reduced output voltage 2.2 V),
control interfaces and GPIOs, BCD counter, band-gap and over-temperature/VSYS comparators. All
regulators, except for LDO1 and the backup battery charger, are automatically disabled to avoid
battery drainage. As described in Section 8.1.3, nRESET is always asserted at the beginning of a
shutdown sequence to RESET mode, and remains asserted when DA9062 is in RESET mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com