Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 80Page - Renesas Technology Corp DA9062 Datasheet HTML 81Page - Renesas Technology Corp DA9062 Datasheet HTML 82Page - Renesas Technology Corp DA9062 Datasheet HTML 83Page - Renesas Technology Corp DA9062 Datasheet HTML 84Page - Renesas Technology Corp DA9062 Datasheet HTML 85Page - Renesas Technology Corp DA9062 Datasheet HTML 86Page - Renesas Technology Corp DA9062 Datasheet HTML 87Page - Renesas Technology Corp DA9062 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
84 of 99
© 2022 Renesas Electronics
Table 99: ID_28_27 (0x090)
Field
Bit
Type
Description
GP_FALL4_STEP
7:4
R/W
Sequencer step to de-assert GPO3
GP_RISE4_STEP
3:0
R/W
Sequencer step to assert GPO3
Table 100: ID_30_29 (0x091)
Field
Bit
Type
Description
GP_FALL5_STEP
7:4
R/W
Sequencer step to de-assert GPO4
GP_RISE5_STEP
3:0
R/W
Sequencer step to assert GPO4
Table 101: ID_32_31 (0x092)
Field
Bit
Type
Description
EN32K_STEP
7:4
R/W
Sequencer step to enable GPO and RTC clock
WAIT_STEP
3:0
R/W
Sequencer step for WAIT register functionality
Table 102: SEQ_A (0x095)
Field
Bit
Type
Description
POWER_END
7:4
R/W
End of POWER power domain in the sequencer
SYSTEM_END <= POWER_END <= MAX_COUNT must be true.
SYSTEM_END
3:0
R/W
End of SYSTEM power domain in the sequencer
PART_DOWN <= SYSTEM_END <= POWER_END must be true.
Table 103: SEQ_B (0x096)
Field
Bit
Type
Description
PART_DOWN
7:4
R/W
Sequencer slot to stop at, when going down into STANDBY state.
1 <= PART_DOWN <= SYSTEM_END must be true.
MAX_COUNT
3:0
R/W
End of POWER1 power domain in the sequencer
POWER_END <= MAX_COUNT must be true.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com