Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 2Page - Renesas Technology Corp DA9062 Datasheet HTML 3Page - Renesas Technology Corp DA9062 Datasheet HTML 4Page - Renesas Technology Corp DA9062 Datasheet HTML 5Page - Renesas Technology Corp DA9062 Datasheet HTML 6Page - Renesas Technology Corp DA9062 Datasheet HTML 7Page - Renesas Technology Corp DA9062 Datasheet HTML 8Page - Renesas Technology Corp DA9062 Datasheet HTML 9Page - Renesas Technology Corp DA9062 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
6 of 99
© 2022 Renesas Electronics
1
Package Information
1.1
Pin List
Table 1: DA9062 Pin Description
Pin
No.
Pin Name
Type
Table 2
Description
Paddle
GND
GND
Power grounds of the bucks, digital ground
1
VLDO1
AO
LDO1 output voltage
2
VLDO2
AO
LDO2 output voltage
3
VDD_LDO2
PS
LDO2 supply
4
IREF
AO
Reference current
5
VREF
AIO
Reference voltage
6
XTAL_IN
AI
Crystal connection
7
VSS_ANA
GND
Analog ground
8
XTAL_OUT
AO
Crystal connection
9
VLDO3
AO
LDO3 output voltage
10
VDD_LDO34
PS
LDO3 and LDO4 supply
11
VLDO4
AO
LDO4 output voltage
12
VBBAT
AO
Backup battery supply
13
SDA
DIO
Data signal of the 2-wire interface
14
SCL
DI
Clock signal of the 2-wire interface
15
nONKEY
DI
Input for power-on key
16
nRESETREQ
DI
Reset request input
17
VLX_BUCK4
AO
Switching node of Buck4
18
VDD_BUCK4
PS
Buck4 supply
19
VDD_BUCK3
PS
Buck3 supply
20
VLX_BUCK3
AO
Switching node of Buck3
21
GPIO0
DIO
General purpose I/O, VDDQ reference, WDKICK
22
GPIO1
DIO
General purpose I/O, VTTR
23
VDDIO
PS
IO supply
24
VBUCK4
AI
Voltage feedback of Buck4
25
VBUCK3
AI
Voltage feedback of Buck3
26
VBUCK1
AI
Voltage feedback of Buck1
27
VBUCK2
AI
Voltage feedback of Buck2
28
GPIO2
DIO
General purpose I/O, PWR_EN
29
GPIO3
DIO
General purpose I/O
30
GPIO4
DIO
General purpose I/O, SYS_EN
31
VLX_BUCK1
AO
Switching node of Buck1
32
VDD_BUCK1
PS
Buck1 supply
33
VDD_BUCK2
PS
Buck2 supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com