Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 5Page - Renesas Technology Corp DA9062 Datasheet HTML 6Page - Renesas Technology Corp DA9062 Datasheet HTML 7Page - Renesas Technology Corp DA9062 Datasheet HTML 8Page - Renesas Technology Corp DA9062 Datasheet HTML 9Page - Renesas Technology Corp DA9062 Datasheet HTML 10Page - Renesas Technology Corp DA9062 Datasheet HTML 11Page - Renesas Technology Corp DA9062 Datasheet HTML 12Page - Renesas Technology Corp DA9062 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
9 of 99
© 2022 Renesas Electronics
2
Regulator Overview
Table 3: Regulators
Regulator
Supplied
Pins
Supplied
Voltage
(V)
Supplied
Maximum
Current
(mA)
External
Component
Notes
Buck1
VBUCK1
0.3 to
1.57
2500
Note 1
1.0 µH,
44 µF/88 µF
● GPIO and host interface-controlled
DVC with variable slew rate (10 mV in
[0.5, 1.0, 2.0, 4.0] µs)
● 10 mV steps
● < 0.7 V PFM mode only
● Configurable as a dual-phase buck
with up to 5 A if combined with Buck2
Buck2
VBUCK2
0.3 to
1.57
2500
Note 1
1.0 µH,
44 µF/88 µF
● GPIO and host interface-controlled
DVC with variable slew rate (10 mV in
[0.5, 1.0, 2.0, 4.0] µs)
● 10 mV steps
● < 0.7 V PFM mode only
● Configurable as a dual-phase buck
with up to 5 A if combined with Buck1
Buck3
VBUCK3
0.8 to
3.34
2000
Note 2
1.0 µH,
44 µF/88 µF
● GPIO and host interface-controlled
DVC with variable slew rate (10 mV in
[0.5, 1.0, 2.0, 4.0] µs)
● 20 mV steps
Buck4
VBUCK4
0.53 to
1.8
1500
Note 2
1.0 µH,
44 µF
● GPIO and host interface-controlled
DVC with variable slew rate (10 mV in
[0.5, 1.0, 2.0, 4.0] µs)
● 10 mV steps
● VTT Memory Termination mode
● < 0.7 V PFM mode only
LDO1
VLDO1
0.9 to 3.6
100
1.0 µF
● Configurable as always-on
● 50 mV steps
● Internally supplied from VSYS
LDO2
VLDO2
0.9 to 3.6
300
2.2 µF
● Low noise LDO
● 50 mV steps
LDO3
VLDO3
0.9 to 3.6
300
2.2 µF
● Low noise LDO
● 50 mV steps
● Common supply with LDO4
LDO4
VLDO4
0.9 to 3.6
300
2.2 µF
● Low noise LDO
● 50 mV steps
● Common supply with LDO3
Note 1
For short durations, to meet peak current requirements, IOUT for Buck 1 and Buck 2 can be operated at
up to 20 % higher than the specified maximum operating condition. The part should not be operated in
this mode for extended periods and is not guaranteed for continuous operation.
Note 2
For short durations, to meet peak current requirements, IOUT for Buck 3 and Buck 4 can be operated at
up to 10 % higher than the specified maximum operating condition. The part should not be operated in
this mode for extended periods and is not guaranteed for continuous operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com