Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 49Page - Renesas Technology Corp DA9062 Datasheet HTML 50Page - Renesas Technology Corp DA9062 Datasheet HTML 51Page - Renesas Technology Corp DA9062 Datasheet HTML 52Page - Renesas Technology Corp DA9062 Datasheet HTML 53Page - Renesas Technology Corp DA9062 Datasheet HTML 54Page - Renesas Technology Corp DA9062 Datasheet HTML 55Page - Renesas Technology Corp DA9062 Datasheet HTML 56Page - Renesas Technology Corp DA9062 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
53 of 99
© 2022 Renesas Electronics
Table 30: Regulator Control Functionality of the Power Supply Sequencer
Power-Up (Sequencer Direction Up)
Auto
Conf
POWERDOWN
Mode (Before)
ACTIVE Mode
(After)
En
Sel
En
Sel
Sequencer Functionality
0
0
x
x
0
0
The regulator is disabled at the step pointed to by
BUCK<x>_STEP/LDO<x>_STEP and the A-setting
(VBUCK<x>_A/VLDO<x>_A) is activated.
x
1
x
x
1
0
The regulator is enabled at the step pointed to by
BUCK<x>_STEP/LDO<x>_STEP and the A-setting
(VBUCK<x>_A/VLDO<x>_A) is activated.
1
x
x
x
1
0
Power-Down (Sequencer Direction Down)
Auto
Conf
ACTIVE Mode
(Before)
POWERDOWN
Mode (After)
En
Sel
En
Sel
x
0
x
x
0
0
The regulator is disabled at the step pointed to by
BUCK<x>_STEP/LDO<x>_STEP and the A-setting
(VBUCK<x>_A/VLDO<x>_A) is activated.
x
1
x
x
1
1
The regulator stays enabled but it is switched to the
B-setting (VBUCK<x>_B/VLDO<x>_B).
Step 0 of the sequencer has a special meaning. If register DEF_SUPPLY is set, the sequencer treats
all regulators pointing to step 0 as default supplies. This means that the regulators are enabled
automatically when entering the POWERDOWN mode. Regulators assigned to other steps are only
enabled after a wakeup condition occurs. Apart from this, step 0 acts the same as steps 1 to 15. If
register DEF_SUPPLY = 0, step 0 of the sequencer does not have any affect.
As mentioned in Section 8.6.1, LDO1 can be programmed as an always-on supply. This is achieved
by setting controls DEF_SUPPLY, LDO1_CONF, and LDO1_EN in the OTP. In normal operation,
when the sequencer moves between ACTIVE and POWERDOWN modes, LDO1 behaves as
presented in Table 30. However, if DA9062 moves to the RESET mode, this configuration keeps
LDO1 enabled. This is not the case for any other regulator.
8.9.4
GPO Control
Any GPO can be asserted or de-asserted in a sequencer step (GP_RISE<x>_STEP,
GP_FALL<x>_STEP). The GPO control is summarized in Table 31. If a GPO is controlled by the
sequencer, it is driven to its inactive state when DA9062 is in RESET mode. The GPIO control only
works in sequencer steps greater than zero.
Table 31: GPO Control Functionality of the Power Supply Sequencer
GPIO<x>_MODE
GPO State
After Reset
Sequencer
Direction
Previous
GPO State
GPO Transition At
GP_RISE<x>
GPO Transition At
GP_FALL<x>
0 (active low)
High
Up
High
High to low
-
Low
-
Low to high
Down
High
-
High to low
Low
Low to high
-
1 (active high)
Low
Up
High
-
High to low
Low
Low to high
-
Down
High
High to low
-
Low
-
Low to high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com