Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 58Page - Renesas Technology Corp DA9062 Datasheet HTML 59Page - Renesas Technology Corp DA9062 Datasheet HTML 60Page - Renesas Technology Corp DA9062 Datasheet HTML 61Page - Renesas Technology Corp DA9062 Datasheet HTML 62Page - Renesas Technology Corp DA9062 Datasheet HTML 63Page - Renesas Technology Corp DA9062 Datasheet HTML 64Page - Renesas Technology Corp DA9062 Datasheet HTML 65Page - Renesas Technology Corp DA9062 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
62 of 99
© 2022 Renesas Electronics
10.1.4
Crystal
The real-time clock module requires an external 32.768 kHz crystal. For correct component selection,
the effective load capacitance must be taken into account. This includes external capacitors on pins
XTAL_IN and XTAL_OUT in series combination, plus the PCB and stray capacitances. For example,
if two 12 pF external capacitors are used, resulting in a total capacitance of 6 pF, and assuming the
stray capacitances are 3 pF, then a crystal that specifies a load capacitance of 9 pF should be
chosen. Different stray capacitances may require different external capacitors and/or a different
crystal type. Furthermore, the series resistance of the crystal must not exceed 100 k
Ω.
Table 36: Recommended Crystal
Type
Size (W×L×H) mm
Manufacturer
CC7V-T1A 32.768 kHz 9.0 pF ±30 ppm
3.2×1.5×0.9
Micro Crystal
10.1.5
Backup Battery
The backup battery charger supports lithium coin cells as well as Supercaps/Goldcaps.
Table 37: Recommended Backup Battery
Type
Size (mm)
Manufacturer
Lithium Battery (rechargeable) ML421, 2.3 mAh, 3.0 V
4.8 (dia.) x 2.1
Panasonic
Starcap SC SM 2R8, 0.1 F, 2.8 V
4.8 (dia.) x 1.4
Korchip
Lithium Battery (rechargeable) ML614, 3.4 mAh, 3.0 V
6.8 (dia.) x 1.4
Panasonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com