Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 84Page - Renesas Technology Corp DA9062 Datasheet HTML 85Page - Renesas Technology Corp DA9062 Datasheet HTML 86Page - Renesas Technology Corp DA9062 Datasheet HTML 87Page - Renesas Technology Corp DA9062 Datasheet HTML 88Page - Renesas Technology Corp DA9062 Datasheet HTML 89Page - Renesas Technology Corp DA9062 Datasheet HTML 90Page - Renesas Technology Corp DA9062 Datasheet HTML 91Page - Renesas Technology Corp DA9062 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
88 of 99
© 2022 Renesas Electronics
Table 112: BUCK4_CFG (0x09F)
Field
Bit
Type
Description
BUCK4_MODE
7:6
R/W
Controls the mode of the buck:
00: Controlled by BUCK4_SL_A and BUCK4_SL_B
01: Sleep (PFM)
10: Synchronous (PWM)
11: Automatic
BUCK4_PD_DIS
5:5
R/W
Disable pull-down resistor when disabled.
BUCK4_VTT_EN
4:4
R/W
Enable Buck4 memory bus termination mode.
BUCK4_VTTR_EN
3:3
R/W
Enable Buck4 memory bus termination reference voltage output.
Reserved
2:0
R/W
Reserved
Table 113: BUCK3_CFG (0x0A0)
Field
Bit
Type
Description
BUCK3_MODE
7:6
R/W
Controls the mode of the buck:
00: Controlled by BUCK3_SL_A and BUCK3_SL_B
01: Sleep (PFM)
10: Synchronous (PWM)
11: Automatic
BUCK3_PD_DIS
5:5
R/W
Disable pull-down resistor when disabled.
Reserved
4:0
R/W
Reserved
Table 114: VBUCK2_A (0x0A3)
Field
Bit
Type
Description
BUCK2_SL_A
7:7
R/W
This control is only effective when BUCK2_MODE = 0
0: forced to synchronous mode (PWM) when A setting is active.
1: forced to sleep mode (PFM) when A setting is active.
VBUCK2_A
6:0
R/W
From 0.3 V (0x00) to 1.57 V (0x7F) in steps of 10 mV
Table 115: VBUCK1_A (0x0A4)
Field
Bit
Type
Description
BUCK1_SL_A
7:7
R/W
This control is only effective when BUCK1_MODE = 0
0: forced to synchronous mode (PWM) when A setting is active.
1: forced to sleep mode (PFM) when A setting is active.
VBUCK1_A
6:0
R/W
From 0.3 V (0x00) to 1.57 V (0x7F) in steps of 10 mV
Table 116: VBUCK4_A (0x0A5)
Field
Bit
Type
Description
BUCK4_SL_A
7:7
R/W
This control is only effective when BUCK4_MODE = 0
0: forced to synchronous mode (PWM) when A setting is active.
1: forced to sleep mode (PFM) when A setting is active.
VBUCK4_A
6:0
R/W
From 0.53 V (0x00) to 1.8 V (0x7F) in steps of 10 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com