Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 51Page - Renesas Technology Corp DA9062 Datasheet HTML 52Page - Renesas Technology Corp DA9062 Datasheet HTML 53Page - Renesas Technology Corp DA9062 Datasheet HTML 54Page - Renesas Technology Corp DA9062 Datasheet HTML 55Page - Renesas Technology Corp DA9062 Datasheet HTML 56Page - Renesas Technology Corp DA9062 Datasheet HTML 57Page - Renesas Technology Corp DA9062 Datasheet HTML 58Page - Renesas Technology Corp DA9062 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
55 of 99
© 2022 Renesas Electronics
VSYS dropping below the VDD_FAULT_UPPER threshold asserts the event E_VDD_WARN (in register
EVENT_B). If the event is not masked, this will issue an interrupt, which can be used by the host
processor as an indication to decrease its activity.
If VSYS drops below VDD_FAULT_LOWER for more than 100 ms, the supply error flag VDD_FAULT (in
register FAULT_LOG) is asserted and a shutdown sequence to RESET mode is triggered, see
Section 8.8.3. The nRESET output is asserted at the beginning of the shutdown sequence. The
status can also be reported using a dedicated nVDD_FAULT signal, see Section 8.3.2.1.
8.12 Backup Battery Charger
The backup battery charger is designed to charge Lithium-Manganese coin cell batteries and super
capacitors. The charger provides a constant charge current with a programmable target voltage. The
charging current is programmable from 100 µA to 1000 µA in 100 µA steps and from 1 mA to 6 mA in
1 mA steps. The end-of-charge termination voltage is programmable in 100/200 mV steps from 1.1 V
to 3.1 V. When enabled, the charger will always keep the backup battery charged at its target
voltage. The backup battery charger can be temporarily disabled in POWERDOWN mode via register
BBAT_DIS.
The backup battery charger includes a reverse current protection and can also be used as an
always-on supply for low-power rails.
The backup battery provides an internal supply voltage for the 32 kHz crystal oscillator and RTC.
8.13 Real-Time Clock
The RTC provides a real-time clock and alarm function that can be supplied from the backup battery.
RTC mode is described in Section 8.8.2.
The RTC counter will count the number of 32 kHz clock periods, providing a seconds, minutes,
hours, days, months, and years output. Year 0 corresponds to 2000. It is able to count up to 63
years. The value of the RTC calendar is read- and writeable via the 2-wire interface. A read of
COUNT_S (seconds) saves the current RTC calendar count into registers COUNT_S to COUNT_Y.
Registers are only valid when the RTC_READ status bit is asserted (assertion may take several ms
from leaving POR). After MONITOR has been set, host writing to CRYSTAL and RTC_EN is
prohibited to ensure that the RTC registers SECOND_A to SECOND_D are never stopped.
There is an alarm register containing minutes, hours, day, month, and year. When the RTC counter
register value corresponds to the value set in the alarm an interrupt and a wakeup event are
generated. The trigger will also set a bit in an event register to notify that an alarm has occurred. The
alarm can alternatively be asserted from a periodic tick signal that, depending on register
TICK_TYPE, is either asserted every second or minute. After modifying TICK_TYPE or TICK_WAKE,
a write to register ALARM_Y is required to activate the new settings.
The power manager controls, ALARM_ON and TICK_ON, enable/disable the alarm/tick.
The power manager register bit MONITOR is set to 0 each time the RTC is powered up. Software
sets this bit to 1 when setting the time and date, which allows detection of a subsequent loss of the
clock. Values written to the RTC calendar and alarm registers have to comply with the allowed value
range (see register description, for example, less than 60 for seconds or minutes).
8.13.1
32 kHz Crystal Oscillator
The oscillator is used to drive the RTC counter. It works with an external piezoelectric oscillator
crystal at 32 kHz. The oscillator output can be fed to a GPIO and used as a clock source in the
platform. The buffer can be enabled/disabled from a control register or with the power sequencer.
In order to achieve the desired crystal frequency an external capacitor (10 pF to 20 pF, depending on
the parasitic capacitance of the board) is connected to ground from each of the crystal pins. The
start-up time of the oscillator is typically between 0.5 s and 1 s over the voltage range. When the
crystal is not mounted, the XTAL pins should be grounded.
The oscillator can be enabled from register CRYSTAL. A stabilization timer can be used to blank the
clock output during the start-up. The timer can be started simultaneously with the oscillator or it can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com