Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 90Page - Renesas Technology Corp DA9062 Datasheet HTML 91Page - Renesas Technology Corp DA9062 Datasheet HTML 92Page - Renesas Technology Corp DA9062 Datasheet HTML 93Page - Renesas Technology Corp DA9062 Datasheet HTML 94Page - Renesas Technology Corp DA9062 Datasheet HTML 95Page - Renesas Technology Corp DA9062 Datasheet HTML 96Page - Renesas Technology Corp DA9062 Datasheet HTML 97Page - Renesas Technology Corp DA9062 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
94 of 99
© 2022 Renesas Electronics
Table 139: CONFIG_I (0x10E)
Field
Bit
Type
Description
LDO_SD
7:7
R/W
Enable switching off an LDO if an over-current is detected longer
than 200 ms.
INT_SD_MODE
6:6
R/W
Skip sequencer and dummy slots on shutdown from internal fault.
HOST_SD_MODE
5:5
R/W
Skip sequencer and dummy slots on shutdown from control
SHUTDOWN or nRESETREQ pin.
KEY_SD_MODE
4:4
R/W
Enable power-on reset on shutdown from nONKEY.
WATCHDOG_SD
3:3
R/W
Enable shutdown instead of power-down on watchdog timeout.
NONKEY_SD
2:2
R/W
Enable shutdown via long press of nONKEY.
NONKEY_PIN
1:0
R/W
nONKEY function
See Section 8.1.1 for further information.
Table 140: CONFIG_J (0x10F)
Field
Bit
Type
Description
IF_RESET
7:7
R/W
Enable host interface reset via nRESETREQ pin
TWOWIRE_TO
6:6
R/W
Enable 35 ms timeout for 2-wire interfaces
RESET_DURATION
5:4
R/W
Minimum RESET mode duration:
00: 22 ms
01: 100 ms
10: 500 ms
11: 1 s
SHUT_DELAY
3:2
R/W
Shutdown delay (+ KEY_DELAY) for nONKEY
KEY_DELAY
1:0
R/W
nONKEY locking threshold
Table 141: CONFIG_K (0x110)
Field
Bit
Type
Description
Reserved
7:5
R/W
Reserved
GPIO4_PUPD
4:4
R/W
GPI: pull-down enabled
open-drain GPO: pull-up enabled
GPIO3_PUPD
3:3
R/W
GPI: pull-down enabled
open-drain GPO: pull-up enabled
GPIO2_PUPD
2:2
R/W
GPI: pull-down enabled
open-drain GPO: pull-up enabled
GPIO1_PUPD
1:1
R/W
GPI: pull-down enabled
open-drain GPO: pull-up enabled
GPIO0_PUPD
0:0
R/W
GPI: pull-down enabled
open-drain GPO: pull-up enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com