Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # DA9062
Description  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 23Page - Renesas Technology Corp DA9062 Datasheet HTML 24Page - Renesas Technology Corp DA9062 Datasheet HTML 25Page - Renesas Technology Corp DA9062 Datasheet HTML 26Page - Renesas Technology Corp DA9062 Datasheet HTML 27Page - Renesas Technology Corp DA9062 Datasheet HTML 28Page - Renesas Technology Corp DA9062 Datasheet HTML 29Page - Renesas Technology Corp DA9062 Datasheet HTML 30Page - Renesas Technology Corp DA9062 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
27 of 99
© 2022 Renesas Electronics
5.6
Backup Battery Charger
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 17: Backup Battery Charger Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Backup battery
charging current
ISET_BCHG
VSYS = 3.6 V
VBBAT = 2.5 V
100
Note 1
6000
µA
Charger termination
voltage
VSET_BCHG
VSYS = 3.6 V
1.1
Note 2
3.1
V
Backup battery short
circuit current
ISHORT
VBBAT = 0 V
6.5
mA
Stabilization capacitor
COUT
-55%
470
+35%
nF
Output capacitor ESR
RCOUT_ESR
f > 1 MHz
100
m
Dropout voltage
VDROPOUT
IOUT = 5 mA
150
200
mV
Note 1
Can be set in 100 µA steps from 100 µA to 1000 µA and 1 mA steps from 1 mA to 6 mA via
BCHG_ISET in register BBAT_CONT.
Note 2
Can be set in 100/200 mV steps via BCHG_VSET in register BBAT_CONT.
5.7
32 kHz Crystal Oscillator
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 18: 32 kHz Crystal Oscillator Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply voltage
VDDRTC
Derived from VBBAT or
VDDCORE
1.5
2.75
V
Oscillator frequency
fOSC
32.768
kHz
Clock jitter
Cycle to cycle 1000 cycles
20
ns
Crystal ESR
RXTAL
50
100
k
Crystal CAP
CXTAL
2
pF
Start-up time
tSTART
VDDRTC = 1.5 V to 2.75 V
0.5
2
s
Bypass Mode
Input frequency
fIN
-5%
32
+5%
kHz
Input duty cycle
DC
40%
60%
XTAL_IN
Input high voltage
VIH
RTC_EN = 0
1.8
VSYS
V
RTC_EN = 1
VBBAT < VSYS
1.1
RTC_EN = 1
VBBAT > VSYS
0.7 * VBBAT
VBBAT
XTAL_OUT
Input low voltage
VIL
RTC_EN = 0
-0.3
0.6
V
RTC_EN = 1
VBBAT < VSYS
0.4
RTC_EN = 1
VBBAT > VSYS
0.2 * VBBAT
Input slew rate
SR
2 pF input capacitance
0.1
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com