Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 27Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 28Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 29Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 30Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 31Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 32Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 33Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 34Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
31
January 26, 2016
2.8.
SPI Bus
The Serial Peripheral Interface (SPI) bus is used as a primary communication bus between the MCU and SBC
peripherals, including the drivers. The SPI mastering is done by the MCU which configures and controls the SBC
peripherals (output drivers, ADC, LIN, etc.). The SBC SPI slave supports byte-wise frame transfer with 8 data bits
per frame. In order to secure the communication, the SBC SPI supports frame length validation.
2.9.
Diagnostic Functionalities
ZAMC4100 has a number of built-in protection and diagnostic features that enable the MCU to perform system
self-checks and to detect abnormal functionality. The main diagnostic functions supported by the ZAMC4100 are
as follows:
•
Open/short detection for each driver output
•
System supply monitoring and under/over-voltage detection
•
Open/short detection at ADC inputs
•
ADC internal circuitry check
•
LIN over-current and dominant time-out detection
•
SBC-to-MCU SPI connectivity check
2.10. Microcontroller ARM® Cortex™ M0
The microcontroller unit (MCU) of the ZAMC4100 features a 32-bit ARM® Cortex™-M0 processor core with
memory resources:
•
32 Kbytes program FLASH memory featuring
-
Minimum 10,000 erase/write cycles
-
10 years data retention at 85°C
•
2 Kbytes SRAM
The MCU peripherals include the following:
•
8 configurable GPIO
•
SW-LIN controller
•
32-bit timer module
•
Master SPI
•
Interrupt controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com