Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 81Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 82Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 83Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 84Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 85Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 86Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 87Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 88Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
85
January 26, 2016
External temperature measurement
For a basic understanding of external temperature measurement for the diode-based sensor, the equation below
provides a temperature measurement result (unsigned) within RESCODE (other additional factors apply in final
applications; contact IDT for more details using the contact information on page 155):
[V]
V
T[K]
RESCODE
[V]
V
q
)
(
k
T[K]
RESCODE
REF
REF
∗
=
∗
∗
∗
∗
=
1538
.
0
2
10
ln
32
10
Where: q = elementary charge (1.60217646 x 10
-19)
k = Boltzmann constant (1.3806503 x 10
-23)
Internal temperature measurement
The formula for temperature calculation in correspondence with the conversion unsigned result is
(
)
27
10
512
3072
10
3
27
3
+
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
°
∗
−
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
°
∗
∗
=
°
C]
[mV/
S
[V]
V
RESCODE
C]
[mV/
S
[V]
V
C]
T[
VT
t
VT
REF
Where the parameter SVT is the voltage/temperature slope of the internal temperature sensor and Vt27 is the
output voltage at 27°C (both specified in Table 1.11).
3.12.5. ADC Configuration and ADC Status Register
ZAMC4100 ADC configurations define the conversion rate, result format (sign and justification) and continuous
conversion mode in the ADCCONF register. The mapping of bits in this register is described in Table 3.37 and the
purpose of the bits is described in the following sections.
The interrupt flags of the ADC module are allocated in the ADCSTAT register described in Table 3.39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com