Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 84Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 85Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 86Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 87Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 88Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 89Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 90Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 91Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
88
January 26, 2016
3.12.6. ADC Sample Rate
The ADC sampling rate is calculated as the maximum sampling rate (250Ksps) divided by the value configured in
bits ADCSR[2:0] of register ADCCONF (Table 3.37). Table 3.41 gives the definitions of the ADCSR[2:0] bits. tCCNV
is the ADC continuous conversion phase. For more information on this and other ADC timing parameters, refer to
section 1.3.2.
The time between two consecutive conversion results is calculated as the sum of the following:
•
ADC sample time (see Table 1.15 and Figure 1.1): configurable parameter (via ADCSR[2:0] bits) for all
modes except the external temperature conversion for which it is fixed.
•
ADC conversion time (see Table 1.15 and Figure 1.1): fixed parameter which depends only on the OSCH
clock accuracy.
•
ADC idle time (see Table 1.15 and Figure 1.1): configurable parameter (via ADCSR[2:0] bits) which
determines the sample rate for the external temperature conversion.
Each ADC start conversion command (single or continuous) counts a 10µs period needed for proper settling of
the ADC input stage.
Table 3.41 ADC Sample-Rate Configuration
ADCSR[2:0]
Sample Rate
1), 2)
tCCNV
000
SRmax
4µs
001
SRmax/2
8µs
010
SRmax/4
16µs
011
SRmax/8
32µs
100
SRmax/16
64µs
101
SRmax/32
128µs
110
SRmax/64
256µs
111
SRmax/128
512µs
1)
The value of SRmax is specified in Table 1.15. The tCCNV (ADCSR=0) is calculated based on 1/SRmax =
1/250Ksps.
2)
The maximum possible sample rate for the external temperature conversion is SRMAX/8. For
ADCSR[2:0] values in the range from 000 to 011, the external temperature conversion is running at
SRmax/8
3.12.7. ADC Single and Continuous Conversion
Single or continuous conversion operation is defined by the SCNV and CCNV bits respectively, in the ADCCTRL
register (Table 3.34). If this bit is set, the ADC will automatically start the conversion process. It sets the interrupt
flag ADCRDYIF in the ADCSTAT register (Table 3.39) when the conversion process is completed with the results
(after the formatting process) stored in registers ADCRESH and ADCRESL (Table 3.50). This interrupt flag is
cleared after reading the result registers. If both of the SCNV and CCNV bits are set, the ADC operates in
continuous conversion mode.
The output of the ADC goes to the results formatting block, where there are four options for result representation
as detailed in section 3.12.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com