Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 50Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 51Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 52Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 53Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 54Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 55Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 56Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 57Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
54
January 26, 2016
Bit
Description
2
HSOCIF: High-side driver over-current global interrupt flag.
1 = An over-current event has been detected in one or more high-side drivers. To determine the specific over-current
source, the MCU should read the HSxOCIF bits in the HSDSTAT register.
0 = Half-bridge driver over-current event was not detected.
Note: The HSOCIF interrupt flag cannot be directly cleared. In order to clear HSOCIF, the MCU should clear
HSxOCIF flags of register HSDSTAT (Table 3.22).
1
ECMOCIF: Over-current interrupt flag for the ECM driver. This bit is physically implemented in register ECMDIAG
and mapped to the IRQSTAT.
1 = An over-current event has been detected at the ECM output and the driver has been disabled.
0 = There is no over-current at the ECM output.
Note: The ECMOCIF interrupt flag can be cleared in the ECMDIAG register (Table 3.29).
0
LINIF: LIN PHY global interrupt flag.
1 = LIN PHY interrupt has occurred. There was a LIN wake-up, dominant time-out, or LIN short detected.
0 = LIN PHY interrupt did not occur.
Note: The LINIF interrupt flag cannot be directly cleared. In order to clear LINIF, the MCU should clear the correlated
LINWUIF, LINDTOIF, or LINSHIF flags of the LINSTAT register (Table 3.48).
3.7.
Serial Peripheral Interface (SPI) Bus Interface
The ZAMC4100 features an integrated Serial Peripheral Interface (SPI) that connects between the MCU and
SBC. It operates as a synchronous serial interface performing full-duplex data exchange driven by the clock
generated by the MCU. In the MCU, the SPI circuit block operates in MASTER mode and controls the SBC
peripherals (drivers, ADC, LIN).
SPI Features:
•
Byte-wise frame structure
•
8-bit data read/write access
•
Clock polarity = 1 (clock idle = 1, falling edge first)
•
Clock phase = 1
§
Data shift-out on falling edge
§
Data capturing on rising edge
•
Low-active chip select (CSN)
•
8-bit SBC status automatically shifted out to MCU
•
Pipelined write/read access for fastest SBC to MCU interaction
•
Data write frame validation feature
•
The SPI read starts at the specified address, and if the clock continues, it continues shifting out the data
from next address
•
Continuous data read mode (of a single address) without intermediate CSN toggling
§
Useful for ADC result data access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com