Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 38Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 39Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 40Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 41Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 42Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 43Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 44Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 45Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
42
January 26, 2016
Table 3.9). In order to clear the SEIF flag, the MCU should clear the OVIF and UVIF flags.
In order to prevent false over-voltage or under-voltage events being flagged (caused by supply spikes), the OV
and UV interrupt signals are passed through a de-bounce circuit that filters out all events shorter than 20µs.
If the over-voltage or under-voltage event still exists, the OVIF and UVIF flags remain high even if the MCU is
attempting to clear them.
If the SEIFAC bit of register SMDCTRL (Table 3.5) is set high, the OVIF and UVIF flags are automatically cleared
when the over-voltage or under-voltage event is corrected and the supply remains stable for more than 20µs.
3.4.2.
ZAMC4100 Operation during Over-Voltage
During an over-voltage event, the SBC and MCU are fully functional. By default, the over-voltage event
automatically disables all drivers in order to prevent load damage. The MCU can re-enable the drivers by clearing
the OVIF flag. If this protection is not needed, it can be disabled by clearing the OVDP bit of the SMDCTRL
register (section 3.5.5).
3.4.3.
ZAMC4100 Operation during Under-Voltage
When an under-voltage event occurs, the MCU chip is still fully functional. The SBC analog circuitry is
operational, but its supply is out of range; therefore the analog parameters cannot be guaranteed.
During an under-voltage event, the internal charge pump voltage is out of range, and proper driver operation is
not guaranteed. By default the under-voltage event automatically disables all drivers. The MCU can re-enable the
drivers by clearing the UVIF flag in the RSTSTAT register (Table 3.1).
Important note: The under-voltage driver protection can be disabled by clearing the UVDP bit in the SMDCTRL
register (section 3.5.5). This feature is implemented for test purposes only and is not recommended to be used in
the regular application.
3.4.4.
Charge Pump Voltage Monitoring
ZAMC4100 has internal circuitry for charge pump (CP) voltage monitoring, which is continually enabled during
system operation. If the charge pump voltage is out of range, an interrupt is generated and the drivers are
disabled. In order to prevent a false “charge pump voltage error” event flag (caused by supply spikes), the CP
interrupt signal passes through de-bounce circuitry that filters out all events shorter than 20µs.
A charge pump voltage error interrupt is indicated by the CPVEIF flag in the RSTSTAT register (Table 3.1). If
CPVEIF = HIGH, i.e. the CP voltage is out of range, all drivers are automatically disabled regardless of the value
of the driver enable bits.
The MCU can clear the interrupt by writing ‘1’ in the CPVEIF flag, but only if the CP voltage has recovered to its
valid range. If the CPVEIFAC bit of the SMDCTRL register (Table 3.5) is set high, then the CPVEIF flag is
automatically cleared when the CP voltage recovers to its valid range and remains valid for more than 20µs.
The CP voltage needs a settling time specified in Table 1.17 by parameter tCP_STL. Because tCP_STL is greater than
the power-up timer delay (tPWRT), after POR and wake-up from SLEEP, the CPVEIF flag will be set HIGH. If
CPVEIF auto-clear is enabled, the flag will be automatically cleared when time tCP_STL has expired, i.e. the CP
voltage has reached its valid range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com